Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM10A-T2 Datasheet(PDF) 1 Page - OSRAM GmbH

Part # LM10A-T2
Description  LINEARlight Flex
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LM10A-T2 Datasheet(HTML) 1 Page - OSRAM GmbH

  LM10A-T2 Datasheet HTML 1Page - OSRAM GmbH LM10A-T2 Datasheet HTML 2Page - OSRAM GmbH LM10A-T2 Datasheet HTML 3Page - OSRAM GmbH LM10A-T2 Datasheet HTML 4Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
LM10A
LINEARlight Flex
Data Sheet
Picture for
Datasheet
is missing
!!!
Benefits
Linear separable LED strip on flexible
printed circuit board with self-adhesive back
Low profile
Available in various colors
Minimal heat generation
Applications
Edge-lighting of transparent or diffused
materials
Path & contour marking
Illuminated signs
Color
Voltage
[V DC]*
Power
[W]*
Radiance
Angle [°]*
Wavelength [nm]
Color Temp [K]*
Lum. Flux
[lm]*
Current
[A]*
Product
Number of
LEDs
Technical Operating Data
white
24
86,4
120
6500 K
1290
3,6
LM10A-W2-865
600
white
24
57,6
120
6500 K
540
2,4
LM10A-W1-865
600
white
24
86,4
120
5400 K
1290
3,6
LM10A-W2-854
600
white
24
57,6
120
5400 K
540
2,4
LM10A-W1-854
600
white
24
86,4
120
4700 K
1290
3,6
LM10A-W2-847
600
white
24
57,6
120
4700 K
540
2,4
LM10A-W1-847
600
white
24
86,4
120
2700 K
1440
3,6
LM10A-W3-727
600
red
24
72,0
120
617 nm
1620
3
LM10A-A1
600
yellow
24
72,0
120
587 nm
1290
3
LM10A-Y1
600
green
24
72,0
120
525 nm
1200
3
LM10A-T2
600
blue
24
72,0
120
470 nm
170
3
LM10A-B1
600
All Data are related to the entire module
Due to the special conditions of the manufacturing processes of LED the typical data of technical parameters can only reflect statistical figures and do not necessarily
correspond to the actual parameters of each single product which could differ from the typical data.
*)
+) Preliminary Data
Technical Features
One reel comes with one LED-band
Light emission vertical to the mounting surface
Entire Module consists of 600 LEDs
Size of printed circuit board (L x W x H):
8400 mm x 10 mm x 3 mm
Size of smallest unit 10 LED
(L x W): 140 mm x 10 mm
Smallest unit of 10 LEDs can be cut out at
regular intervals without damaging the rest of
the module
Adhesive tape on backside
Easy connection with CONNECTsystem
LM-xx Flex: Feeder LM-2PIN Flex and
Connector LM-CONN-10 Flex
Dimmable by pulse width modulation (PWM)
with the electronic controller OT DIM
Only parallel connection allowed
Modules optimized for use with OSRAM
OPTOTRONIC® power supplies.
Page 1 of 4
LM10A - 20.07.2007


Similar Part No. - LM10A-T2

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
LM10A GOOD-ARK-LM10A Datasheet
375Kb / 4P
Low Profile Miniature Single Phase Surface Mount Bridge Rectifiers
logo
Cynergy3 Co
LM10A CYNERGY3-LM10A Datasheet
1Mb / 2P
For smaller tanks and restricted space
LM10AN10 CYNERGY3-LM10AN10 Datasheet
1Mb / 2P
For smaller tanks and restricted space
LM10AS10 CYNERGY3-LM10AS10 Datasheet
1Mb / 2P
For smaller tanks and restricted space
LM10AU10 CYNERGY3-LM10AU10 Datasheet
1Mb / 2P
For smaller tanks and restricted space
More results

Similar Description - LM10A-T2

ManufacturerPart #DatasheetDescription
logo
Gilway Technical Lamp
GTL-OS-70082 GILWAY-GTL-OS-70082 Datasheet
581Kb / 4P
Product Information Bulletin LINEARlight Flex Top Colormix
logo
OSRAM GmbH
LM11A OSRAM-LM11A Datasheet
113Kb / 4P
LINEARlight Flex
LM10L OSRAM-LM10L Datasheet
130Kb / 4P
LINEARlight Colormix Flex
logo
List of Unclassifed Man...
70105 ETC2-70105 Datasheet
419Kb / 4P
LINEARlight FLEX TOPLED Flexible White or Colored LED Strips
logo
OSRAM GmbH
LF05CE-P OSRAM-LF05CE-P Datasheet
518Kb / 4P
LINEARlight Colormix Flex Protect
LF05A OSRAM-LF05A Datasheet
109Kb / 4P
LINEARlight Flex
LF05E2 OSRAM-LF05E2 Datasheet
482Kb / 6P
LINEARLIGHT FLEX ECO
LF06A-P OSRAM-LF06A-P Datasheet
567Kb / 4P
LINEARlight Flex Protect ADVANCED
LF06P2-P OSRAM-LF06P2-P Datasheet
527Kb / 4P
LINEARlight POWER Flex
LF06P2 OSRAM-LF06P2 Datasheet
469Kb / 6P
LINEARLIGHT POWER FLEX
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com