Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DDC-CRS-R2 Datasheet(PDF) 4 Page - DOMINANT Semiconductors

Part # DDC-CRS-R2
Description  LED InGaN - Reverse Gull-wing
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DOMINANT [DOMINANT Semiconductors]
Direct Link  http://www.dominant-semi.com
Logo DOMINANT - DOMINANT Semiconductors

DDC-CRS-R2 Datasheet(HTML) 4 Page - DOMINANT Semiconductors

  DDC-CRS-R2 Datasheet HTML 1Page - DOMINANT Semiconductors DDC-CRS-R2 Datasheet HTML 2Page - DOMINANT Semiconductors DDC-CRS-R2 Datasheet HTML 3Page - DOMINANT Semiconductors DDC-CRS-R2 Datasheet HTML 4Page - DOMINANT Semiconductors DDC-CRS-R2 Datasheet HTML 5Page - DOMINANT Semiconductors DDC-CRS-R2 Datasheet HTML 6Page - DOMINANT Semiconductors DDC-CRS-R2 Datasheet HTML 7Page - DOMINANT Semiconductors DDC-CRS-R2 Datasheet HTML 8Page - DOMINANT Semiconductors DDC-CRS-R2 Datasheet HTML 9Page - DOMINANT Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
DOMINANT Semiconductors
26/12/03
DomiLED InGaN DDx-xRx - Catalogue-v2.doc
Page 4 of 4
Wavelength Grouping.
Color
Group
Wavelength distribution (nm)
DDB; Blue
Full
W
X
Y
464 - 476
464 - 468
468 - 472
472 - 476
DDC; Cyan
Full
W
X
Y
499 - 511
499 - 503
503 - 507
507 - 511
DDT; True Green
Full
W
X
Y
Z
520 - 536
520 - 524
524 - 528
528 - 532
532 - 536
Dominant wavelength is measured with an accuracy of
±1 nm.
DDW, White Color Grouping
Dominant W hite Bin Structure
0.24
0.25
0.26
0.27
0.28
0.29
0.30
0.31
0.32
0.33
0.34
0.35
0.36
0.37
0.38
0.39
0.40
0.41
0.42
0.43
0.27
0.28
0.29
0.30
0.31
0.32
0.33
0.34
0.35
0.36
C3
C2
A2
E2
C1
C4
A1
A4
A3
E1
E4
E3



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com