Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DDA-EJS-T2 Datasheet(PDF) 2 Page - DOMINANT Semiconductors

Part # DDA-EJS-T2
Description  LED AlInGaP
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DOMINANT [DOMINANT Semiconductors]
Direct Link  http://www.dominant-semi.com
Logo DOMINANT - DOMINANT Semiconductors

DDA-EJS-T2 Datasheet(HTML) 2 Page - DOMINANT Semiconductors

  DDA-EJS-T2 Datasheet HTML 1Page - DOMINANT Semiconductors DDA-EJS-T2 Datasheet HTML 2Page - DOMINANT Semiconductors DDA-EJS-T2 Datasheet HTML 3Page - DOMINANT Semiconductors DDA-EJS-T2 Datasheet HTML 4Page - DOMINANT Semiconductors DDA-EJS-T2 Datasheet HTML 5Page - DOMINANT Semiconductors DDA-EJS-T2 Datasheet HTML 6Page - DOMINANT Semiconductors DDA-EJS-T2 Datasheet HTML 7Page - DOMINANT Semiconductors DDA-EJS-T2 Datasheet HTML 8Page - DOMINANT Semiconductors DDA-EJS-T2 Datasheet HTML 9Page - DOMINANT Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
15/11/2005 V2.0
2
DDS-EJS-S2T-1
• DDS-EJS-S2
• DDS-EJS-T1
• DDS-EJS-T2
DDR-EJS-TU1-1
• DDR-EJS-T1
• DDR-EJS-T2
• DDR-EJS-U1
DDA-EJS-T2U-1
• DDA-EJS-T2
• DDA-EJS-U1
• DDA-EJS-U2
DDY-EJS-T2U-1
• DDY-EJS-T2
• DDY-EJS-U1
• DDY-EJS-U2
AlIGaP
Super Red, 632nm
AlIGaP
Red, 625nm
AlIGaP
Amber, 615nm
AlIGaP
Yellow, 587nm
120
120
120
120
224.0 - 450.0
224.0 - 285.0
285.0 - 355.0
355.0 - 450.0
285.0 - 560.0
285.0 - 355.0
355.0 - 450.0
450.0 - 560.0
355.0 - 715.0
355.0 - 450.0
450.0 - 560.0
560.0 - 715.0
355.0 - 715.0
355.0 - 450.0
450.0 - 560.0
560.0 - 715.0
AlInGaP : DDx-EJS
DOMINANT TM
Semiconductors
Innovating Illumination
Part Ordering
Number
Chip Technology
/ Color
Viewing
Angle˚
Luminous Intensity @
IF = 20mA IV (mcd)
NOTE
1. All part number above comes in a quantity of 2000 units per reel.
2. Luminous intensity is measured with an accuracy of ± 11%.
3. Wavelength binning is carried for all units as per the wavelength-binning table. Only one wavelength group is allowed for each reel.
4. An optional Vf bining is also available upon request. Bining scheme is as per following table.
Group
Dominant wavelength is measured with an accuracy of ± 1 nm.
Wavelength Grouping
Wavelength distribution (nm)
Color
DDS; Super Red
DDR; Red
DDA; Amber
DDY; Yellow
Full
Full
Full
W
X
Full
W
X
Y
Z
625 - 640
620 - 630
610 - 621
610 - 615
615 - 621
582 - 594
582 - 585
585 - 588
588 - 591
591 - 594



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com