Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM431AC Datasheet(PDF) 6 Page - NXP Semiconductors

Part # LM431AC
Description  Adjustable precision shunt regulators
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

LM431AC Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button LM431AC Datasheet HTML 2Page - NXP Semiconductors LM431AC Datasheet HTML 3Page - NXP Semiconductors LM431AC Datasheet HTML 4Page - NXP Semiconductors LM431AC Datasheet HTML 5Page - NXP Semiconductors LM431AC Datasheet HTML 6Page - NXP Semiconductors LM431AC Datasheet HTML 7Page - NXP Semiconductors LM431AC Datasheet HTML 8Page - NXP Semiconductors LM431AC Datasheet HTML 9Page - NXP Semiconductors LM431AC Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
Philips Semiconductors
Product specification
TL431C, TL431AC, TL431I,
TL431AI, LM431AC
Adjustable precision shunt regulators
1997 Feb 25
6
–50
–25
0
25
50
75
100
125
2600
2560
2500
2420
2400
Tamb – TEMPERATURE – (°C)
SL01170
Vref = 2550mV
Vref = 2495mV
Vref = 2440mV
VKA = Vref
IK = 10mA
2440
2460
2480
2520
2540
2580
Figure 6.
Reference Input Voltage vs. Temperature
100
75
50
25
0
–25
–50
–75
–100
–2
–1
0123
CATHODE VOLTAGE – (V)
SL01171
125
150
VKA = Vref
Tamb = 25°C
Figure 7.
Cathode Current vs. Cathode Voltage
800
600
400
200
0
–200
–1
012
3
VKA – CATHODE VOLTAGE – (V)
VKA = Vref
Tamb = 25°C
SL01172
Imin
Figure 8.
Cathode Current vs. Cathode Voltage
3.0
2.5
2.0
1.5
1.0
0.5
0
–75
–50
–25
0
25
50
75
100
125
R1 = 10k
Ω
R2 =
∞
IK = 10mA
Tamb – TEMPERATURE – (°C)
SL01168
Figure 9.
Reference Input Current vs. Temperature
0
10
20
30
40
50
60
70
80
90
–75
–50
–25
0
25
50
75
100
125
VKA = 36V
Vref = 0V
Tamb – TEMPERATURE – (°C)
SL01169
Figure 10.
Off-State Cathode Current vs. Temperature
0
–0.1
–0.2
–0.3
–0.4
–0.5
–0.6
–0.7
–0.8
–0.9
–1
–75
–50
–25
0
25
50
75
100
125
VKA = 3V TO 36V
Tamb – TEMPERATURE – (°C)
SL01173
Figure 11.
Ratio of Delta Reference Voltage to
Delta Cathode Voltage over Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com