Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DDB-CJS-Q2 Datasheet(PDF) 4 Page - DOMINANT Semiconductors

Part # DDB-CJS-Q2
Description  LED InGaN
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DOMINANT [DOMINANT Semiconductors]
Direct Link  http://www.dominant-semi.com
Logo DOMINANT - DOMINANT Semiconductors

DDB-CJS-Q2 Datasheet(HTML) 4 Page - DOMINANT Semiconductors

  DDB-CJS-Q2 Datasheet HTML 1Page - DOMINANT Semiconductors DDB-CJS-Q2 Datasheet HTML 2Page - DOMINANT Semiconductors DDB-CJS-Q2 Datasheet HTML 3Page - DOMINANT Semiconductors DDB-CJS-Q2 Datasheet HTML 4Page - DOMINANT Semiconductors DDB-CJS-Q2 Datasheet HTML 5Page - DOMINANT Semiconductors DDB-CJS-Q2 Datasheet HTML 6Page - DOMINANT Semiconductors DDB-CJS-Q2 Datasheet HTML 7Page - DOMINANT Semiconductors DDB-CJS-Q2 Datasheet HTML 8Page - DOMINANT Semiconductors DDB-CJS-Q2 Datasheet HTML 9Page - DOMINANT Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
InGaN : DDx-xJx
DOMINANT TM
Semiconductors
Innovating Illumination
07/05/2007 V12.0
4
Group
Dominant wavelength is measured with an accuracy of ± 1 nm.
Wavelength Grouping
Wavelength distribution (nm)
Color
DDT; True Green
DDC; Cyan
DDB; Blue
Full
W
X
Y
Z
Full
W
X
Y
Full
W
X
Y
520 - 536
520 - 524
524 - 528
528 - 532
532 - 536
499 - 511
499 - 503
503 - 507
507 - 511
464 - 476
464 - 468
468 - 472
472 - 476
Forward Voltage (V)
Vf Bining (Optional)
Vf Bin @ 20 mA
0A
00
01
02
03
2.75 ... 3.05
3.05 ... 3.35
3.35 ... 3.65
3.65 ... 3.95
3.95 ... 4.25
Forward Voltage, Vf is measured with an accuracy of ± 0.1 V.
Please consult sales and marketing for special part number to incorporate Vf bining.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com