Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16F685-E/SSQTP Datasheet(PDF) 204 Page - Microchip Technology

Part # PIC16F685-E/SSQTP
Description  20-Pin Flash-Based, 8-Bit CMOS Microcontrollers with nanoWatt Technology
PDF  294 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F685-E/SSQTP Datasheet(HTML) 204 Page - Microchip Technology

Back Button PIC16F685-E/SSQTP Datasheet HTML 200Page - Microchip Technology PIC16F685-E/SSQTP Datasheet HTML 201Page - Microchip Technology PIC16F685-E/SSQTP Datasheet HTML 202Page - Microchip Technology PIC16F685-E/SSQTP Datasheet HTML 203Page - Microchip Technology PIC16F685-E/SSQTP Datasheet HTML 204Page - Microchip Technology PIC16F685-E/SSQTP Datasheet HTML 205Page - Microchip Technology PIC16F685-E/SSQTP Datasheet HTML 206Page - Microchip Technology PIC16F685-E/SSQTP Datasheet HTML 207Page - Microchip Technology PIC16F685-E/SSQTP Datasheet HTML 208Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 204 / 294 page
background image
PIC16F631/677/685/687/689/690
DS41262D-page 202
© 2007 Microchip Technology Inc.
TRISB
86h/186h
1111 ----
1111 ----
uuuu ----
TRISC
87h/187h
1111 1111
1111 1111
uuuu uuuu
PIE1
8Ch
-000 0000
-000 0000
-uuu uuuu
PIE2
8Dh
0000 ----
0000 ----
uuuu uuuu
PCON
8Eh
--01 --0x
--0u --uq
1, 5)
--uu --uu
OSCCON
8Fh
-110 q000
-110 q000
-uuu uuuu
OSCTUNE
90h
---0 0000
---u uuuu
---u uuuu
PR2
92h
1111 1111
1111 1111
uuuu uuuu
SSPADD
93h
0000 0000
1111 1111
uuuu uuuu
SSPMSK(6)
93h
---- ----
1111 1111
uuuu uuuu
SSPSTAT
94h
0000 0000
1111 1111
uuuu uuuu
WPUA
95h
--11 -111
--11 -111
uuuu uuuu
IOCA
96h
--00 0000
--00 0000
--uu uuuu
WDTCON
97h
---0 1000
---0 1000
---u uuuu
TXSTA
98h
0000 0010
0000 0010
uuuu uuuu
SPBRG
99h
0000 0000
0000 0000
uuuu uuuu
SPBRGH
9Ah
0000 0000
0000 0000
uuuu uuuu
BAUDCTL
9Bh
01-0 0-00
01-0 0-00
uu-u u-uu
ADRESL
9Eh
xxxx xxxx
uuuu uuuu
uuuu uuuu
ADCON1
9Fh
-000 ----
-000 ----
-uuu ----
EEDAT
10Ch
0000 0000
0000 0000
uuuu uuuu
EEADR
10Dh
0000 0000
0000 0000
uuuu uuuu
EEDATH
10Eh
--00 0000
--00 0000
--uu uuuu
EEADRH
10Fh
---- 0000
---- 0000
---- uuuu
WPUB
115h
1111 ----
1111 ----
uuuu ----
IOCB
116h
0000 ----
0000 ----
uuuu ----
VRCON
118h
0000 0000
0000 0000
uuuu uuuu
CM1CON0
119h
0000 -000
0000 -000
uuuu -uuu
CM2CON0
11Ah
0000 -000
0000 -000
uuuu -uuu
CM2CON1
11Bh
00-- --00
00-- --10
uu-- --uu
ANSEL
11Eh
1111 1111
1111 1111
uuuu uuuu
ANSELH
11Fh
---- 1111
---- 1111
---- uuuu
EECON1
18Ch
x--- x000
u--- q000
---- uuuu
EECON2
18Dh
---- ----
---- ----
---- ----
PSTRCON
19Dh
---0 0001
---0 0001
---u uuuu
SRCON
19EH
0000 00--
0000 00--
uuuu uu--
TABLE 14-4:
INITIALIZATION CONDITION FOR REGISTER (CONTINUED)
Register
Address
Power-on Reset
MCLR Reset
WDT Reset (Continued)
Brown-out Reset(1)
Wake-up from Sleep
through Interrupt
Wake-up from Sleep
through WDT Time-out
Legend:
u
= unchanged, x = unknown, — = unimplemented bit, reads as ‘0’, q = value depends on condition.
Note 1:
If VDD goes too low, Power-on Reset will be activated and registers will be affected differently.
2:
One or more bits in INTCON and/or PIR1 will be affected (to cause wake-up).
3:
When the wake-up is due to an interrupt and the GIE bit is set, the PC is loaded with the interrupt vector (0004h).
4:
See Table 14-5 for Reset value for specific condition.
5:
If Reset was due to brown-out, then bit 0 = 0. All other Resets will cause bit 0 = u.
6:
Accessible only when SSPM<3:0> = 1001.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com