Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16F685-E/SSQTP Datasheet(PDF) 25 Page - Microchip Technology

Part # PIC16F685-E/SSQTP
Description  20-Pin Flash-Based, 8-Bit CMOS Microcontrollers with nanoWatt Technology
PDF  294 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F685-E/SSQTP Datasheet(HTML) 25 Page - Microchip Technology

Back Button PIC16F685-E/SSQTP Datasheet HTML 21Page - Microchip Technology PIC16F685-E/SSQTP Datasheet HTML 22Page - Microchip Technology PIC16F685-E/SSQTP Datasheet HTML 23Page - Microchip Technology PIC16F685-E/SSQTP Datasheet HTML 24Page - Microchip Technology PIC16F685-E/SSQTP Datasheet HTML 25Page - Microchip Technology PIC16F685-E/SSQTP Datasheet HTML 26Page - Microchip Technology PIC16F685-E/SSQTP Datasheet HTML 27Page - Microchip Technology PIC16F685-E/SSQTP Datasheet HTML 28Page - Microchip Technology PIC16F685-E/SSQTP Datasheet HTML 29Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 294 page
background image
© 2007 Microchip Technology Inc.
DS41262D-page 23
PIC16F631/677/685/687/689/690
RB6/SCK/SCL
RB6
TTL
CMOS General purpose I/O. Individually controlled interrupt-on-
change. Individually enabled pull-up.
SCK
ST
CMOS SPI clock.
SCL
ST
OD
I2C™ clock.
RB7/TX/CK
RB7
TTL
CMOS General purpose I/O. Individually controlled interrupt-on-
change. Individually enabled pull-up.
TX
—
CMOS EUSART asynchronous output.
CK
ST
CMOS EUSART synchronous clock.
RC0/AN4/C2IN+
RC0
ST
CMOS General purpose I/O.
AN4
AN
—
A/D Channel 4 input.
C2IN+
AN
—
Comparator C2 positive input.
RC1/AN5/C12IN1-
RC1
ST
CMOS General purpose I/O.
AN5
AN
—
A/D Channel 5 input.
C12IN1-
AN
—
Comparator C1 or C2 negative input.
RC2/AN6/C12IN2-/P1D
RC2
ST
CMOS General purpose I/O.
AN6
AN
—
A/D Channel 6 input.
C12IN2-
AN
—
Comparator C1 or C2 negative input.
P1D
—
CMOS PWM output.
RC3/AN7/C12IN3-/P1C
RC3
ST
CMOS General purpose I/O.
AN7
AN
—
A/D Channel 7 input.
C12IN3-
AN
—
Comparator C1 or C2 negative input.
P1C
—
CMOS PWM output.
RC4/C2OUT/P1B
RC4
ST
CMOS General purpose I/O.
C2OUT
—
CMOS Comparator C2 output.
P1B
—
CMOS PWM output.
RC5/CCP1/P1A
RC5
ST
CMOS General purpose I/O.
CCP1
ST
CMOS Capture/Compare input.
P1A
ST
CMOS PWM output.
RC6/AN8/SS
RC6
ST
CMOS General purpose I/O.
AN8
AN
—
A/D Channel 8 input.
SS
ST
—
Slave Select input.
RC7/AN9/SDO
RC7
ST
CMOS General purpose I/O.
AN9
AN
—
A/D Channel 9 input.
SDO
—
CMOS SPI data output.
VSS
VSS
Power
—
Ground reference.
VDD
VDD
Power
—
Positive supply.
TABLE 1-5:
PINOUT DESCRIPTION – PIC16F690 (CONTINUED)
Name
Function
Input
Type
Output
Type
Description
Legend:
AN
= Analog input or output
CMOS = CMOS compatible input or output
OD = Open Drain
TTL = TTL compatible input
ST
= Schmitt Trigger input with CMOS levels
HV
= High Voltage
XTAL
= Crystal



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com