Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16F685-E/SSQTP Datasheet(PDF) 108 Page - Microchip Technology

Part # PIC16F685-E/SSQTP
Description  20-Pin Flash-Based, 8-Bit CMOS Microcontrollers with nanoWatt Technology
PDF  294 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F685-E/SSQTP Datasheet(HTML) 108 Page - Microchip Technology

Back Button PIC16F685-E/SSQTP Datasheet HTML 104Page - Microchip Technology PIC16F685-E/SSQTP Datasheet HTML 105Page - Microchip Technology PIC16F685-E/SSQTP Datasheet HTML 106Page - Microchip Technology PIC16F685-E/SSQTP Datasheet HTML 107Page - Microchip Technology PIC16F685-E/SSQTP Datasheet HTML 108Page - Microchip Technology PIC16F685-E/SSQTP Datasheet HTML 109Page - Microchip Technology PIC16F685-E/SSQTP Datasheet HTML 110Page - Microchip Technology PIC16F685-E/SSQTP Datasheet HTML 111Page - Microchip Technology PIC16F685-E/SSQTP Datasheet HTML 112Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 108 / 294 page
background image
PIC16F631/677/685/687/689/690
DS41262D-page 106
© 2007 Microchip Technology Inc.
TABLE 8-2:
SUMMARY OF REGISTERS ASSOCIATED WITH THE COMPARATOR AND VOLTAGE
REFERENCE MODULES
REGISTER 8-5:
VRCON: VOLTAGE REFERENCE CONTROL REGISTER
R/W-0
R/W-0
R/W-0
R/W-0
R/S-0
R/S-0
U-0
U-0
C1VREN
C2VREN
VRR
VP6EN
VR3
VR2
VR1
VR0
bit 7
bit 0
Legend:
S = Bit is set only
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7
C1VREN: Comparator C1 Voltage Reference Enable bit
1
= CVREF circuit powered on and routed to C1VREF input of Comparator C1
0
= 0.6 Volt constant reference routed to C1VREF input of Comparator C1
bit 6
C2VREN: Comparator C2 Voltage Reference Enable bit
1
= CVREF circuit powered on and routed to C2VREF input of Comparator C2
0
= 0.6 Volt constant reference routed to C2VREF input of Comparator C2
bit 5
VRR: Comparator Voltage Reference CVREF Range Selection bit
1
= Low Range
0
= High Range
bit 4
VP6EN: 0.6V Reference Enable bit
1
= Enabled
0
= Disabled
bit 3-0
VR<3:0>: Comparator Voltage Reference CVREF Value Selection 0
≤ VR<3:0> ≤ 15
When VRR = 1: CVREF = (VR<3:0>/24) * VDD
When VRR = 0: CVREF = VDD/4 + (VR<3:0>/32) * VDD
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Value on
POR, BOR
Value on
all other
Resets
ANSEL
ANS7
ANS6
ANS5
ANS4
ANS3
ANS2
ANS1
ANS0
1111 1111
1111 1111
CM1CON0
C1ON
C1OUT
C1OE
C1POL
—
C1R
C1CH1
C1CH0
0000 -000
0000 0000
CM2CON0
C2ON
C2OUT
C2OE
C2POL
—
C2R
C2CH1
C2CH0
0000 -000
0000 -000
CM2CON1
MC1OUT
MC2OUT
—
—
—
—
T1GSS
C2SYNC
00-- --10
00-- --10
INTCON
GIE
PEIE
T0IE
INTE
RABIE
T0IF
INTF
RABIF
0000 000x
0000 000x
PIE2
OSFIE
C2IE
C1IE
EEIE
—
—
—
—
0000 ----
0000 ----
PIR2
OSFIF
C2IF
C1IF
EEIF
—
—
—
—
0000----
0000----
PORTA
—
—
RA5
RA4
RA3
RA2
RA1
RA0
--xx xxxx
--uu uuuu
PORTC
RC7
RC6
RC5
RC4
RC3
RC2
RC1
RC0
xxxx xxxx
uuuu uuuu
REFCON
—
—
BGST
VRBB
VREN
VROE
CVROE
—
--00 000-
--00 000-
SRCON
SR1
SR0
C1SEN
C2REN
PULSS
PULSR
—
—
0000 00--
0000 00--
TRISA
—
—
TRISA5
TRISA4
TRISA3
TRISA2
TRISA1
TRISA0
--11 1111
--11 1111
TRISC
TRISC7
TRISC6
TRISC5
TRISC4 TRISC3 TRISC2
TRISC1
TRISC0
1111 1111
1111 1111
VRCON
C1VREN
C2VREN
VRR
VP6EN
VR3
VR2
VR1
VR0
0000 0000
0000 0000
Legend:
x
= unknown, u = unchanged, – = unimplemented, read as ‘0’. Shaded cells are not used for comparator.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com