Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16F685-E/SSQTP Datasheet(PDF) 124 Page - Microchip Technology

Part # PIC16F685-E/SSQTP
Description  20-Pin Flash-Based, 8-Bit CMOS Microcontrollers with nanoWatt Technology
PDF  294 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F685-E/SSQTP Datasheet(HTML) 124 Page - Microchip Technology

Back Button PIC16F685-E/SSQTP Datasheet HTML 120Page - Microchip Technology PIC16F685-E/SSQTP Datasheet HTML 121Page - Microchip Technology PIC16F685-E/SSQTP Datasheet HTML 122Page - Microchip Technology PIC16F685-E/SSQTP Datasheet HTML 123Page - Microchip Technology PIC16F685-E/SSQTP Datasheet HTML 124Page - Microchip Technology PIC16F685-E/SSQTP Datasheet HTML 125Page - Microchip Technology PIC16F685-E/SSQTP Datasheet HTML 126Page - Microchip Technology PIC16F685-E/SSQTP Datasheet HTML 127Page - Microchip Technology PIC16F685-E/SSQTP Datasheet HTML 128Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 124 / 294 page
background image
PIC16F631/677/685/687/689/690
DS41262D-page 122
© 2007 Microchip Technology Inc.
10.1.2
READING THE DATA EEPROM
MEMORY
To read a data memory location, the user must write the
address to the EEADR register, clear the EEPGD
control bit of the EECON1 register, and then set control
bit RD. The data is available at the very next cycle, in
the EEDAT register; therefore, it can be read in the next
instruction. EEDAT will hold this value until another
read or until it is written to by the user (during a write
operation).
EXAMPLE 10-1:
DATA EEPROM READ
10.1.3
WRITING TO THE DATA EEPROM
MEMORY
To write an EEPROM data location, the user must first
write the address to the EEADR register and the data
to the EEDAT register. Then the user must follow a
specific sequence to initiate the write for each byte.
The write will not initiate if the above sequence is not
followed exactly (write 55h to EECON2, write AAh to
EECON2, then set WR bit) for each byte. Interrupts
should be disabled during this code segment.
Additionally, the WREN bit in EECON1 must be set to
enable write. This mechanism prevents accidental
writes to data EEPROM due to errant (unexpected)
code execution (i.e., lost programs). The user should
keep the WREN bit clear at all times, except when
updating EEPROM. The WREN bit is not cleared
by hardware.
After a write sequence has been initiated, clearing the
WREN bit will not affect this write cycle. The WR bit will
be inhibited from being set unless the WREN bit is set.
At the completion of the write cycle, the WR bit is
cleared in hardware and the EE Write Complete
Interrupt Flag bit (EEIF) is set. The user can either
enable this interrupt or poll this bit. EEIF must be
cleared by software.
EXAMPLE 10-2:
DATA EEPROM WRITE
BANKSEL
EEADR
;
MOVF
DATA_EE_ADDR, W;
MOVWF
EEADR
;Data Memory
;Address to read
BANKSEL
EECON1
;
BCF
EECON1, EEPGD
;Point to DATA memory
BSF
EECON1, RD
;EE Read
BANKSEL
EEDAT
;
MOVF
EEDAT, W
;W = EEDAT
BCF
STATUS, RP1
;Bank 0
BANKSEL
EEADR
;
MOVF
DATA_EE_ADDR, W;
MOVWF
EEADR
;Data Memory Address to write
MOVF
DATA_EE_DATA, W;
MOVWF
EEDAT
;Data Memory Value to write
BANKSEL
EECON1
;
BCF
EECON1, EEPGD
;Point to DATA memory
BSF
EECON1, WREN
;Enable writes
BCF
INTCON, GIE
;Disable INTs.
BTFSC
INTCON, GIE
;SEE AN576
GOTO
$-2
MOVLW
55h
;
MOVWF
EECON2
;Write 55h
MOVLW
AAh
;
MOVWF
EECON2
;Write AAh
BSF
EECON1, WR
;Set WR bit to begin write
BSF
INTCON, GIE
;Enable INTs.
SLEEP
;Wait for interrupt to signal write complete (optional)
BCF
EECON1, WREN
;Disable writes
BANKSEL
0x00
;Bank 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com