Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16F685-E/SSQTP Datasheet(PDF) 132 Page - Microchip Technology

Part # PIC16F685-E/SSQTP
Description  20-Pin Flash-Based, 8-Bit CMOS Microcontrollers with nanoWatt Technology
PDF  294 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F685-E/SSQTP Datasheet(HTML) 132 Page - Microchip Technology

Back Button PIC16F685-E/SSQTP Datasheet HTML 128Page - Microchip Technology PIC16F685-E/SSQTP Datasheet HTML 129Page - Microchip Technology PIC16F685-E/SSQTP Datasheet HTML 130Page - Microchip Technology PIC16F685-E/SSQTP Datasheet HTML 131Page - Microchip Technology PIC16F685-E/SSQTP Datasheet HTML 132Page - Microchip Technology PIC16F685-E/SSQTP Datasheet HTML 133Page - Microchip Technology PIC16F685-E/SSQTP Datasheet HTML 134Page - Microchip Technology PIC16F685-E/SSQTP Datasheet HTML 135Page - Microchip Technology PIC16F685-E/SSQTP Datasheet HTML 136Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 132 / 294 page
background image
PIC16F631/677/685/687/689/690
DS41262D-page 130
© 2007 Microchip Technology Inc.
11.3
PWM Mode
The PWM mode generates a Pulse-Width Modulated
signal on the CCP1 pin. The duty cycle, period and
resolution are determined by the following registers:
•PR2
•T2CON
• CCPR1L
• CCP1CON
In Pulse-Width Modulation (PWM) mode, the CCP
module produces up to a 10-bit resolution PWM output
on the CCP1 pin. Since the CCP1 pin is multiplexed
with the PORT data latch, the TRIS for that pin must be
cleared to enable the CCP1 pin output driver.
Figure 11-3 shows a simplified block diagram of PWM
operation.
Figure 11-4 shows a typical waveform of the PWM
signal.
For a step-by-step procedure on how to set up the CCP
module for PWM operation, see Section 11.3.7
“Setup for PWM Operation”.
FIGURE 11-3:
SIMPLIFIED PWM BLOCK
DIAGRAM
The PWM output (Figure 11-4) has a time base
(period) and a time that the output stays high (duty
cycle).
FIGURE 11-4:
CCP PWM OUTPUT
Note:
Clearing
the
CCP1CON
register
will
relinquish CCP1 control of the CCP1 pin.
CCPR1L
CCPR1H(2) (Slave)
Comparator
TMR2
PR2
(1)
RQ
S
Duty Cycle Registers
CCP1CON<5:4>
Clear Timer2,
toggle CCP1 pin and
latch duty cycle
Note
1:
The 8-bit timer TMR2 register is concatenated
with the 2-bit internal system clock (FOSC), or
2 bits of the prescaler, to create the 10-bit time
base.
2:
In PWM mode, CCPR1H is a read-only register.
TRIS
CCP1
Comparator
Period
Pulse Width
TMR2 = 0
TMR2 = CCPR1L:CCP1CON<5:4>
TMR2 = PR2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com