Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16F685-E/SSQTP Datasheet(PDF) 158 Page - Microchip Technology

Part # PIC16F685-E/SSQTP
Description  20-Pin Flash-Based, 8-Bit CMOS Microcontrollers with nanoWatt Technology
PDF  294 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F685-E/SSQTP Datasheet(HTML) 158 Page - Microchip Technology

Back Button PIC16F685-E/SSQTP Datasheet HTML 154Page - Microchip Technology PIC16F685-E/SSQTP Datasheet HTML 155Page - Microchip Technology PIC16F685-E/SSQTP Datasheet HTML 156Page - Microchip Technology PIC16F685-E/SSQTP Datasheet HTML 157Page - Microchip Technology PIC16F685-E/SSQTP Datasheet HTML 158Page - Microchip Technology PIC16F685-E/SSQTP Datasheet HTML 159Page - Microchip Technology PIC16F685-E/SSQTP Datasheet HTML 160Page - Microchip Technology PIC16F685-E/SSQTP Datasheet HTML 161Page - Microchip Technology PIC16F685-E/SSQTP Datasheet HTML 162Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 158 / 294 page
background image
PIC16F631/677/685/687/689/690
DS41262D-page 156
© 2007 Microchip Technology Inc.
12.1.2.8
Asynchronous Reception Set-up:
1.
Initialize the SPBRGH, SPBRG register pair and
the BRGH and BRG16 bits to achieve the
desired baud rate (see Section 12.3 “EUSART
Baud Rate Generator (BRG)”).
2.
Enable the serial port by setting the SPEN bit.
The SYNC bit must be clear for asynchronous
operation.
3.
If interrupts are desired, set the RCIE interrupt
enable bit and set the GIE and PEIE bits of the
INTCON register.
4.
If 9-bit reception is desired, set the RX9 bit.
5.
Enable reception by setting the CREN bit.
6.
The RCIF interrupt flag bit will be set when a
character is transferred from the receive shift
register to the receive buffer. An interrupt will be
generated if the RCIE interrupt enable bit was
also set.
7.
Read the RCSTA register to get the error flags
and, if 9-bit data reception is enabled, the ninth
data bit.
8.
Get the received 8 Least Significant data bits
from the receive buffer by reading the RCREG
register.
9.
If an overrun occurred, clear the OERR flag by
clearing the CREN receiver enable bit.
12.1.2.9
9-bit Address Detection Mode Set-up
This mode would typically be used in RS-485 systems.
To set up an Asynchronous Reception with Address
Detect Enable:
1.
Initialize the SPBRGH, SPBRG register pair and
the BRGH and BRG16 bits to achieve the
desired baud rate (see Section 12.3 “EUSART
Baud Rate Generator (BRG)”).
2.
Enable the serial port by setting the SPEN bit.
The SYNC bit must be clear for asynchronous
operation.
3.
If interrupts are desired, set the RCIE interrupt
enable bit and set the GIE and PEIE bits of the
INTCON register.
4.
Enable 9-bit reception by setting the RX9 bit.
5.
Enable address detection by setting the ADDEN
bit.
6.
Enable reception by setting the CREN bit.
7.
The RCIF interrupt flag bit will be set when a
character with the ninth bit set is transferred
from the receive shift register to the receive
buffer. An interrupt will be generated if the RCIE
interrupt enable bit was also set.
8.
Read the RCSTA register to get the error flags.
The ninth data bit will always be set.
9.
Get the received 8 Least Significant data bits
from the receive buffer by reading the RCREG
register. Software determines if this is the
device’s address.
10. If an overrun occurred, clear the OERR flag by
clearing the CREN receiver enable bit.
11. If the device has been addressed, clear the
ADDEN bit to allow all received data into the
receive buffer and generate interrupts.
FIGURE 12-5:
ASYNCHRONOUS RECEPTION
Start
bit
bit 7/8
bit 1
bit 0
bit 7/8
bit 0
Stop
bit
Start
bit
Start
bit
bit 7/8
Stop
bit
RX/DT pin
Reg
Rcv Buffer Reg
Rcv Shift
Read Rcv
Buffer Reg
RCREG
RCIF
(Interrupt Flag)
OERR bit
CREN
Word 1
RCREG
Word 2
RCREG
Stop
bit
Note:
This timing diagram shows three words appearing on the RX input. The RCREG (receive buffer) is read after the third word,
causing the OERR (overrun) bit to be set.
RCIDL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com