Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DDO-GJS-L2 Datasheet(PDF) 2 Page - DOMINANT Semiconductors

Part # DDO-GJS-L2
Description  LED GaP
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DOMINANT [DOMINANT Semiconductors]
Direct Link  http://www.dominant-semi.com
Logo DOMINANT - DOMINANT Semiconductors

DDO-GJS-L2 Datasheet(HTML) 2 Page - DOMINANT Semiconductors

  DDO-GJS-L2 Datasheet HTML 1Page - DOMINANT Semiconductors DDO-GJS-L2 Datasheet HTML 2Page - DOMINANT Semiconductors DDO-GJS-L2 Datasheet HTML 3Page - DOMINANT Semiconductors DDO-GJS-L2 Datasheet HTML 4Page - DOMINANT Semiconductors DDO-GJS-L2 Datasheet HTML 5Page - DOMINANT Semiconductors DDO-GJS-L2 Datasheet HTML 6Page - DOMINANT Semiconductors DDO-GJS-L2 Datasheet HTML 7Page - DOMINANT Semiconductors DDO-GJS-L2 Datasheet HTML 8Page - DOMINANT Semiconductors DDO-GJS-L2 Datasheet HTML 9Page - DOMINANT Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
06/09/2005 V4.0
2
DDR-GJS-LM2-1
• DDR-GJS-L1
• DDR-GJS-L2
• DDR-GJS-M1
• DDR-GJS-M2
DDR-GJS-MN2-1
• DDR-GJS-M1
• DDR-GJS-M2
• DDR-GJS-N1
• DDR-GJS-N2
DDO-GJS-LM2-1
• DDO-GJS-L1
• DDO-GJS-L2
• DDO-GJS-M1
• DDO-GJS-M2
DDY-GJS-LM2-1
• DDY-GJS-L1
• DDY-GJS-L2
• DDY-GJS-M1
• DDY-GJS-M2
DDG-GJS-LM2-1
• DDG-GJS-L1
• DDG-GJS-L2
• DDG-GJS-M1
• DDG-GJS-M2
DDG-GJS-MN2-1
• DDG-GJS-M1
• DDG-GJS-M2
• DDG-GJS-N1
• DDG-GJS-N2
Gap
Red, 625nm
Gap
Orange, 605nm
Gap
Yellow, 587nm
Gap
Green, 570nm
120
120
120
120
11.2 - 28.5
11.2 - 14.0
14.0 - 18.0
18.0 - 22.4
22.4 - 28.5
18.0 - 45.0
18.0 - 22.4
22.4 - 28.5
28.5 - 35.5
35.5 - 45.0
11.2 - 28.5
11.2 - 14.0
14.0 - 18.0
18.0 - 22.4
22.4 - 28.5
11.2 - 28.5
11.2 - 14.0
14.0 - 18.0
18.0 - 22.4
22.4 - 28.5
11.2 - 28.5
11.2 - 14.0
14.0 - 18.0
18.0 - 22.4
22.4 - 28.5
18.0 - 45.0
18.0 - 22.4
22.4 - 28.5
28.5 - 35.5
35.5 - 45.0
Gap : DDx-GJS
DOMINANT TM
Semiconductors
Innovating Illumination
Part Ordering
Number
Chip Technology
/ Color
Viewing
Angle˚
Luminous Intensity @
IF = 20mA IV (mcd)
NOTE
1. All part number above comes in a quantity of 2000 units per reel.
2. Other luminous intensity groups are also available upon request.
3. Luminous intensity is measured with an accuracy of ± 11%.
4. Wavelength binning is carried for all units as per the wavelength-binning table. Only one wavelength group is allowed for each reel.
5. An optional Vf binning is also available upon request. Binning scheme is as per following table.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com