Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DDW-CRD-R2 Datasheet(PDF) 2 Page - DOMINANT Semiconductors

Part # DDW-CRD-R2
Description  LED InGaN - Reverse Gull-wing
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DOMINANT [DOMINANT Semiconductors]
Direct Link  http://www.dominant-semi.com
Logo DOMINANT - DOMINANT Semiconductors

DDW-CRD-R2 Datasheet(HTML) 2 Page - DOMINANT Semiconductors

  DDW-CRD-R2 Datasheet HTML 1Page - DOMINANT Semiconductors DDW-CRD-R2 Datasheet HTML 2Page - DOMINANT Semiconductors DDW-CRD-R2 Datasheet HTML 3Page - DOMINANT Semiconductors DDW-CRD-R2 Datasheet HTML 4Page - DOMINANT Semiconductors DDW-CRD-R2 Datasheet HTML 5Page - DOMINANT Semiconductors DDW-CRD-R2 Datasheet HTML 6Page - DOMINANT Semiconductors DDW-CRD-R2 Datasheet HTML 7Page - DOMINANT Semiconductors DDW-CRD-R2 Datasheet HTML 8Page - DOMINANT Semiconductors DDW-CRD-R2 Datasheet HTML 9Page - DOMINANT Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
DOMINANT Semiconductors
26/12/03
DomiLED InGaN DDx-xRx - Catalogue-v2.doc
Page 2 of 2
Part Ordering Number
Chip Technology /
Color
Viewing
angle
Luminous Intensity @ If = 20mA
Iv ( mcd )
DDB-CRS-PQ2-1
DDB-CRS-P1
DDB-CRS-P2
DDB-CRS-Q1
DDB-CRS-Q2
DDB-SRS-QR2-1
DDB-SRS-Q1
DDB-SRS-Q2
DDB-SRS-R1
DDB-SRS-R2
DDB-URS-RS1-1
DDB-URS-R1
DDB-URS-R2
DDB-URS-S1
InGaN /
Blue, 470 nm
120
45.0 … 112.5
45.0 …
56.0
56.0 …
71.5
71.5 …
90.0
90.0 …
112.5
71.5 … 180.0
71.5 … 90.0
90.0 … 112.5
112.5 … 140.0
140.0 … 180.0
112.5 … 224.0
112.5 … 140.0
140.0 … 180.0
180.0 … 224.0
DDC-CRS-RS2-1
DDC-CRS-R1
DDC-CRS-R2
DDC-CRS-S1
DDC-CRS-S2
DDC-SRS-ST2-1
DDC-SRS-S1
DDC-SRS-S2
DDC-SRS-T1
DDC-SRS-T2
InGaN /
Cyan, 505 nm
120
112.5 … 285.0
112.5 … 140.0
140.0 … 180.0
180.0 … 224.0
224.0 … 285.0
180.0 … 450.0
180.0 … 224.0
224.0 … 285.0
285.0 … 355.0
355.0 … 450.0
DDT-CRS-RS2-1
DDT-CRS-R1
DDT-CRS-R2
DDT-CRS-S1
DDT-CRS-S2
DDT-SRS-ST2-1
DDT-SRS-S1
DDT-SRS-S2
DDT-SRS-T1
DDT-SRS-T2
DDT-URS-TU2-1
DDT-URS-T1
DDT-URS-T2
DDT-URS-U1
DDT-URS-U2
InGaN /
True Green, 525 nm
120
112.5 … 285.0
112.5 … 140.0
140.0 … 180.0
180.0 … 224.0
224.0 … 285.0
180.0 … 450.0
180.0 … 224.0
224.0 … 285.0
285.0 … 355.0
355.0 … 450.0
285.0 … 715.0
285.0 … 355.0
355.0 … 450.0
450.0 … 560.0
560.0 … 715.0



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com