Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DDA-SJS-T2 Datasheet(PDF) 5 Page - DOMINANT Semiconductors

Part # DDA-SJS-T2
Description  LED - AlInGaP
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DOMINANT [DOMINANT Semiconductors]
Direct Link  http://www.dominant-semi.com
Logo DOMINANT - DOMINANT Semiconductors

DDA-SJS-T2 Datasheet(HTML) 5 Page - DOMINANT Semiconductors

  DDA-SJS-T2 Datasheet HTML 1Page - DOMINANT Semiconductors DDA-SJS-T2 Datasheet HTML 2Page - DOMINANT Semiconductors DDA-SJS-T2 Datasheet HTML 3Page - DOMINANT Semiconductors DDA-SJS-T2 Datasheet HTML 4Page - DOMINANT Semiconductors DDA-SJS-T2 Datasheet HTML 5Page - DOMINANT Semiconductors DDA-SJS-T2 Datasheet HTML 6Page - DOMINANT Semiconductors DDA-SJS-T2 Datasheet HTML 7Page - DOMINANT Semiconductors DDA-SJS-T2 Datasheet HTML 8Page - DOMINANT Semiconductors DDA-SJS-T2 Datasheet HTML 9Page - DOMINANT Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
DOMINANT Semiconductors
18/08/05
DomiLED AlInGaP DDx-xRS - Catalogue-v4
Page 5 of 11
Wavelength Grouping.
Color
Group
Wavelength distribution (nm)
DDH; Hyper-red
Full
636 - 646
DDS; Super-red
Full
625 – 640
DDR-CJ, -SJ; Red (AS)
DDR-TJ; Red (TS)
Full
Full
620 – 630
620 - 635
DDA; Amber
Full
W
X
610 – 621
610 – 615
615 – 621
DDO; Orange
Full
W
X
Y
Z
600 – 612
600 – 603
603 – 606
606 - 609
609 - 612
DDY; Yellow
Full
W
X
Y
Z
582 – 594
582 – 585
585 – 588
588 - 591
591 - 594
DDG; Green
Full
W
X
Y
Z
564.5 – 576.5
564.5 – 567.5
567.5 – 570.5
570.5 – 573.5
573.5 – 576.5
Dominant wavelength is measured with an accuracy of
±1 nm.
Electrical Characteristics at Ta=25
°C.
Vf @ If = 20mA
Vr @ Ir = 100uA
Part Number
Typ. (V)
Max. (V)
Min.(V)
DDA, DDS, DDR-CJS, DDR-SJS, DDG
DDH, DDO, DDY-CJS, DDY-SJS
2.1
2.3
12
DDR-TJS, DDY-TJS
2.2
2.6
12
Forward voltage, Vf is measured with an accuracy of
±0.1 V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com