Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC18F23K20-E/SOSQTP Datasheet(PDF) 269 Page - Microchip Technology

Part # PIC18F23K20-E/SOSQTP
Description  28/40/44-Pin Flash Microcontrollers with 10-Bit A/D and nanoWatt Technology
PDF  420 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F23K20-E/SOSQTP Datasheet(HTML) 269 Page - Microchip Technology

Back Button PIC18F23K20-E/SOSQTP Datasheet HTML 265Page - Microchip Technology PIC18F23K20-E/SOSQTP Datasheet HTML 266Page - Microchip Technology PIC18F23K20-E/SOSQTP Datasheet HTML 267Page - Microchip Technology PIC18F23K20-E/SOSQTP Datasheet HTML 268Page - Microchip Technology PIC18F23K20-E/SOSQTP Datasheet HTML 269Page - Microchip Technology PIC18F23K20-E/SOSQTP Datasheet HTML 270Page - Microchip Technology PIC18F23K20-E/SOSQTP Datasheet HTML 271Page - Microchip Technology PIC18F23K20-E/SOSQTP Datasheet HTML 272Page - Microchip Technology PIC18F23K20-E/SOSQTP Datasheet HTML 273Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 269 / 420 page
background image
© 2007 Microchip Technology Inc.
Advance Information
DS41303B-page 267
PIC18F2XK20/4XK20
TABLE 19-2:
REGISTERS ASSOCIATED WITH A/D OPERATION
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Reset
Values
on page
INTCON
GIE/GIEH PEIE/GIEL
TMR0IE
INT0IE
RBIE
TMR0IF
INT0IF
RBIF
57
PIR1
PSPIF(1)
ADIF
RCIF
TXIF
SSPIF
CCP1IF
TMR2IF
TMR1IF
60
PIE1
PSPIE(1)
ADIE
RCIE
TXIE
SSPIE
CCP1IE
TMR2IE
TMR1IE
60
IPR1
PSPIP(1)
ADIP
RCIP
TXIP
SSPIP
CCP1IP
TMR2IP
TMR1IP
60
PIR2
OSCFIF
C1IF
C2IF
EEIF
BCLIF
HLVDIF
TMR3IF
CCP2IF
60
PIE2
OSCFIE
C1IE
C2IE
EEIE
BCLIE
HLVDIE
TMR3IE
CCP2IE
60
IPR2
OSCFIP
C1IP
C2IP
EEIP
BCLIP
HLVDIP
TMR3IP
CCP2IP
60
ADRESH
A/D Result Register, High Byte
59
ADRESL
A/D Result Register, Low Byte
59
ADCON0
—
—
CHS3
CHS2
CHS1
CHS0
GO/DONE
ADON
59
ADCON1
—
—VCFG1
VCFG0
—
—
—
—59
ADCON2
ADFM
—
ACQT2
ACQT1
ACQT0
ADCS2
ADCS1
ADCS0
59
ANSEL
ANS7(1)
ANS6(1)
ANS5(1)
ANS4
ANS3
ANS2
ANS1
ANS0
60
ANSELH
—
—
—
ANS12
ANS11
ANS10
ANS9
ANS8
60
PORTA
RA7(2)
RA6(2)
RA5
RA4
RA3
RA2
RA1
RA0
60
TRISA
TRISA7(2) TRISA6(2) PORTA Data Direction Control Register
60
PORTB
RB7
RB6
RB5
RB4
RB3
RB2
RB1
RB0
60
TRISB
PORTB Data Direction Control Register
60
LATB
PORTB Data Latch Register (Read and Write to Data Latch)
60
PORTE(4)
—
—
—
—RE3(3)
RE2
RE1
RE0
60
TRISE(4)
IBF
OBF
IBOV
PSPMODE
—
TRISE2
TRISE1
TRISE0
60
LATE(4)
—
—
—
—
—
PORTE Data Latch Register
60
Legend: — = unimplemented, read as ‘0’. Shaded cells are not used for A/D conversion.
Note 1:
These bits are unimplemented on PIC18F2XK20 devices; always maintain these bits clear.
2:
PORTA<7:6> and their direction bits are individually configured as port pins based on various primary
oscillator modes. When disabled, these bits read as ‘0’.
3:
RE3 port bit is available only as an input pin when the MCLRE Configuration bit is ‘0’.
4:
These registers are not implemented on PIC18F2XK20 devices.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com