Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC18F23K20-E/SOSQTP Datasheet(PDF) 58 Page - Microchip Technology

Part # PIC18F23K20-E/SOSQTP
Description  28/40/44-Pin Flash Microcontrollers with 10-Bit A/D and nanoWatt Technology
PDF  420 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F23K20-E/SOSQTP Datasheet(HTML) 58 Page - Microchip Technology

Back Button PIC18F23K20-E/SOSQTP Datasheet HTML 54Page - Microchip Technology PIC18F23K20-E/SOSQTP Datasheet HTML 55Page - Microchip Technology PIC18F23K20-E/SOSQTP Datasheet HTML 56Page - Microchip Technology PIC18F23K20-E/SOSQTP Datasheet HTML 57Page - Microchip Technology PIC18F23K20-E/SOSQTP Datasheet HTML 58Page - Microchip Technology PIC18F23K20-E/SOSQTP Datasheet HTML 59Page - Microchip Technology PIC18F23K20-E/SOSQTP Datasheet HTML 60Page - Microchip Technology PIC18F23K20-E/SOSQTP Datasheet HTML 61Page - Microchip Technology PIC18F23K20-E/SOSQTP Datasheet HTML 62Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 420 page
background image
PIC18F2XK20/4XK20
DS41303B-page 56
Advance Information
© 2007 Microchip Technology Inc.
4.6
Reset State of Registers
Some registers are unaffected by a Reset. Their status
is unknown on POR and unchanged by all other
Resets. All other registers are forced to a “Reset state”
depending on the type of Reset that occurred.
Most registers are not affected by a WDT wake-up,
since this is viewed as the resumption of normal
operation. Status bits from the RCON register, RI, TO,
PD, POR and BOR, are set or cleared differently in
different Reset situations, as indicated in Table 4-3.
These bits are used by software to determine the
nature of the Reset.
Table 4-4 describes the Reset states for all of the
Special Function Registers. These are categorized by
Power-on and Brown-out Resets, Master Clear and
WDT Resets and WDT wake-ups.
TABLE 4-3:
STATUS BITS, THEIR SIGNIFICANCE AND THE INITIALIZATION CONDITION
FOR RCON REGISTER
Condition
Program
Counter
RCON Register
STKPTR Register
SBOREN
RI
TO
PD
POR BOR
STKFUL
STKUNF
Power-on Reset
0000h
1
111
00
0
0
RESET
Instruction
0000h
u(2)
0uu
uu
u
u
Brown-out Reset
0000h
u(2)
111
u0
u
u
MCLR during Power-Managed
Run Modes
0000h
u(2)
u1u
uu
u
u
MCLR during Power-Managed
Idle Modes and Sleep Mode
0000h
u(2)
u10
uu
u
u
WDT Time-out during Full Power
or Power-Managed Run Mode
0000h
u(2)
u0u
uu
u
u
MCLR during Full Power
Execution
0000h
u(2)
uuu
uu
u
u
Stack Full Reset (STVREN = 1)
0000h
u(2)
uuu
uu
1
u
Stack Underflow Reset
(STVREN = 1)
0000h
u(2)
uuu
uu
u
1
Stack Underflow Error (not an
actual Reset, STVREN = 0)
0000h
u(2)
uuu
uu
u
1
WDT Time-out during
Power-Managed Idle or Sleep
Modes
PC + 2
u(2)
u00
uu
u
u
Interrupt Exit from
Power-Managed Modes
PC + 2(1)
u(2)
uu0
uu
u
u
Legend: u = unchanged
Note 1:
When the wake-up is due to an interrupt and the GIEH or GIEL bits are set, the PC is loaded with the
interrupt vector (008h or 0018h).
2:
Reset state is ‘1’ for POR and unchanged for all other Resets when software BOR is enabled
(BOREN<1:0> Configuration bits = 01 and SBOREN = 1). Otherwise, the Reset state is ‘0’.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com