Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC18F23K20-E/SOSQTP Datasheet(PDF) 299 Page - Microchip Technology

Part # PIC18F23K20-E/SOSQTP
Description  28/40/44-Pin Flash Microcontrollers with 10-Bit A/D and nanoWatt Technology
PDF  420 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F23K20-E/SOSQTP Datasheet(HTML) 299 Page - Microchip Technology

Back Button PIC18F23K20-E/SOSQTP Datasheet HTML 295Page - Microchip Technology PIC18F23K20-E/SOSQTP Datasheet HTML 296Page - Microchip Technology PIC18F23K20-E/SOSQTP Datasheet HTML 297Page - Microchip Technology PIC18F23K20-E/SOSQTP Datasheet HTML 298Page - Microchip Technology PIC18F23K20-E/SOSQTP Datasheet HTML 299Page - Microchip Technology PIC18F23K20-E/SOSQTP Datasheet HTML 300Page - Microchip Technology PIC18F23K20-E/SOSQTP Datasheet HTML 301Page - Microchip Technology PIC18F23K20-E/SOSQTP Datasheet HTML 302Page - Microchip Technology PIC18F23K20-E/SOSQTP Datasheet HTML 303Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 299 / 420 page
background image
© 2007 Microchip Technology Inc.
Advance Information
DS41303B-page 297
PIC18F2XK20/4XK20
REGISTER 23-12: DEVID1: DEVICE ID REGISTER 1 FOR PIC18F2XK20/4XK20
RR
R
R
R
R
R
R
DEV2
DEV1
DEV0
REV4
REV3
REV2
REV1
REV0
bit 7
bit 0
Legend:
R = Readable bit
U = Unimplemented bit, read as ‘0’
-n = Value when device is unprogrammed
C = Clearable only bit
bit 7-5
DEV<2:0>: Device ID bits
010
= PIC18F45K20
011
= PIC18F25K20
100
= PIC18F44K20
101
= PIC18F24K20
110
= PIC18F43K20
111
= PIC18F23K20
bit 4-0
REV<4:0>: Revision ID bits
These bits are used to indicate the device revision.
REGISTER 23-13: DEVID2: DEVICE ID REGISTER 2 FOR PIC18F2XK20/4XK20
RR
R
R
R
R
R
R
DEV10
DEV9
DEV8
DEV7
DEV6
DEV5
DEV4
DEV3
bit 7
bit 0
Legend:
R = Readable bit
U = Unimplemented bit, read as ‘0’
-n = Value when device is unprogrammed
C = Clearable only bit
bit 7-0
DEV<10:3>: Device ID bits
These bits are used with the DEV<2:0> bits in the Device ID Register 1 to identify the
part number.
0010 0000
= PIC18F2XK20/4XK20 devices
Note 1:
These values for DEV<10:3> may be shared with other devices. The specific device is always identified
by using the entire DEV<10:0> bit sequence.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com