Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC18F23K20-E/SOSQTP Datasheet(PDF) 393 Page - Microchip Technology

Part # PIC18F23K20-E/SOSQTP
Description  28/40/44-Pin Flash Microcontrollers with 10-Bit A/D and nanoWatt Technology
PDF  420 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F23K20-E/SOSQTP Datasheet(HTML) 393 Page - Microchip Technology

Back Button PIC18F23K20-E/SOSQTP Datasheet HTML 389Page - Microchip Technology PIC18F23K20-E/SOSQTP Datasheet HTML 390Page - Microchip Technology PIC18F23K20-E/SOSQTP Datasheet HTML 391Page - Microchip Technology PIC18F23K20-E/SOSQTP Datasheet HTML 392Page - Microchip Technology PIC18F23K20-E/SOSQTP Datasheet HTML 393Page - Microchip Technology PIC18F23K20-E/SOSQTP Datasheet HTML 394Page - Microchip Technology PIC18F23K20-E/SOSQTP Datasheet HTML 395Page - Microchip Technology PIC18F23K20-E/SOSQTP Datasheet HTML 396Page - Microchip Technology PIC18F23K20-E/SOSQTP Datasheet HTML 397Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 393 / 420 page
background image
© 2007 Microchip Technology Inc.
Advance Information
DS41303B-page 391
PIC18F2XK20/4XK20
FIGURE 26-21:
A/D CONVERSION TIMING
TABLE 26-25: A/D CONVERSION REQUIREMENTS
131
130
132
BSF ADCON0, GO
Q4
A/D CLK
A/D DATA
ADRES
ADIF
GO
SAMPLE
OLD_DATA
SAMPLING STOPPED
DONE
NEW_DATA
(Note 2)
98
7
2
1
0
Note
1:
If the A/D clock source is selected as RC, a time of TCY is added before the A/D clock starts.
This allows the SLEEP instruction to be executed.
2:
This is a minimal RC delay (typically 100 ns), which also disconnects the holding capacitor from the analog input.
.. .
. . .
TCY
Param
No.
Symbol
Characteristic
Min
Max
Units
Conditions
130
TAD
A/D Clock Period
0.7
25.0(1)
μsTOSC based, VREF ≥ 3.0V
TBD
1
μs
A/D RC mode
131
TCNV
Conversion Time
(not including acquisition time) (Note 2)
11
12
TAD
132
TACQ
Acquisition Time (Note 3)
1.4
TBD
—
—
μs
μs
-40
°C to +85°C
0
°C ≤ to ≤ +85°C
135
TSWC
Switching Time from Convert
→ Sample
—
(Note 4)
TBD
TDIS
Discharge Time
0.2
—
μs
Legend: TBD = To Be Determined
Note 1:
The time of the A/D clock period is dependent on the device frequency and the TAD clock divider.
2:
ADRES register may be read on the following TCY cycle.
3:
The time for the holding capacitor to acquire the “New” input voltage when the voltage changes full scale
after the conversion (VDD to VSS or VSS to VDD). The source impedance (RS) on the input channels is 50
Ω.
4:
On the following cycle of the device clock.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com