Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC18F23K20-E/SOSQTP Datasheet(PDF) 131 Page - Microchip Technology

Part # PIC18F23K20-E/SOSQTP
Description  28/40/44-Pin Flash Microcontrollers with 10-Bit A/D and nanoWatt Technology
PDF  420 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F23K20-E/SOSQTP Datasheet(HTML) 131 Page - Microchip Technology

Back Button PIC18F23K20-E/SOSQTP Datasheet HTML 127Page - Microchip Technology PIC18F23K20-E/SOSQTP Datasheet HTML 128Page - Microchip Technology PIC18F23K20-E/SOSQTP Datasheet HTML 129Page - Microchip Technology PIC18F23K20-E/SOSQTP Datasheet HTML 130Page - Microchip Technology PIC18F23K20-E/SOSQTP Datasheet HTML 131Page - Microchip Technology PIC18F23K20-E/SOSQTP Datasheet HTML 132Page - Microchip Technology PIC18F23K20-E/SOSQTP Datasheet HTML 133Page - Microchip Technology PIC18F23K20-E/SOSQTP Datasheet HTML 134Page - Microchip Technology PIC18F23K20-E/SOSQTP Datasheet HTML 135Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 131 / 420 page
background image
© 2007 Microchip Technology Inc.
Advance Information
DS41303B-page 129
PIC18F2XK20/4XK20
10.6
PORTE, TRISE and LATE
Registers
Depending on the particular PIC18F2XK20/4XK20
device selected, PORTE is implemented in two
different ways.
10.6.1
PORTE IN PIC18F4XK20 DEVICES
For PIC18F4XK20 devices, PORTE is a 4-bit wide port.
Three pins (RE0/RD/AN5, RE1/WR/AN6 and RE2/CS/
AN7) are individually configurable as inputs or outputs.
These pins have Schmitt Trigger input buffers. When
selected as an analog input, these pins will read as ‘0’s.
The corresponding data direction register is TRISE.
Setting a TRISE bit (= 1) will make the corresponding
PORTE pin an input (i.e., disable the output driver).
Clearing a TRISE bit (= 0) will make the corresponding
PORTE pin an output (i.e., enable the output driver and
put the contents of the output latch on the selected pin).
TRISE controls the direction of the RE pins, even when
they are being used as analog inputs. The user must
make sure to keep the pins configured as inputs when
using them as analog inputs.
The upper four bits of the TRISE register also control
the operation of the Parallel Slave Port. Their operation
is explained in Register 10-1.
The Data Latch register (LATE) is also memory
mapped. Read-modify-write operations on the LATE
register, read and write the latched output value for
PORTE.
The fourth pin of PORTE (MCLR/VPP/RE3) is an input
only pin. Its operation is controlled by the MCLRE
Configuration bit. When selected as a port pin
(MCLRE = 0), it functions as a digital input only pin; as
such, it does not have TRIS or LAT bits associated with its
operation. Otherwise, it functions as the device’s Master
Clear input. In either configuration, RE3 also functions as
the programming voltage input during programming.
EXAMPLE 10-5:
INITIALIZING PORTE
10.6.2
PORTE IN PIC18F2XK20 DEVICES
For PIC18F2XK20 devices, PORTE is only available
when
Master
Clear
functionality
is
disabled
(MCLR = 0). In these cases, PORTE is a single bit,
input only port comprised of RE3 only. The pin operates
as previously described.
Note:
On a Power-on Reset, RE<2:0> are
configured as analog inputs.
Note:
On a Power-on Reset, RE3 is enabled as
a digital input only if Master Clear
functionality is disabled.
CLRF
PORTE
; Initialize PORTE by
; clearing output
; data latches
CLRF
LATE
; Alternate method
; to clear output
; data latches
MOVLW
1Fh
; Configure analog pins
ANDWF
ANSEL,w ; for digital only
MOVLW
05h
; Value used to
; initialize data
; direction
MOVWF
TRISE
; Set RE<0> as input
; RE<1> as output
; RE<2> as input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com