Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC18F23K20-E/SOSQTP Datasheet(PDF) 145 Page - Microchip Technology

Part # PIC18F23K20-E/SOSQTP
Description  28/40/44-Pin Flash Microcontrollers with 10-Bit A/D and nanoWatt Technology
PDF  420 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F23K20-E/SOSQTP Datasheet(HTML) 145 Page - Microchip Technology

Back Button PIC18F23K20-E/SOSQTP Datasheet HTML 141Page - Microchip Technology PIC18F23K20-E/SOSQTP Datasheet HTML 142Page - Microchip Technology PIC18F23K20-E/SOSQTP Datasheet HTML 143Page - Microchip Technology PIC18F23K20-E/SOSQTP Datasheet HTML 144Page - Microchip Technology PIC18F23K20-E/SOSQTP Datasheet HTML 145Page - Microchip Technology PIC18F23K20-E/SOSQTP Datasheet HTML 146Page - Microchip Technology PIC18F23K20-E/SOSQTP Datasheet HTML 147Page - Microchip Technology PIC18F23K20-E/SOSQTP Datasheet HTML 148Page - Microchip Technology PIC18F23K20-E/SOSQTP Datasheet HTML 149Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 145 / 420 page
background image
© 2007 Microchip Technology Inc.
Advance Information
DS41303B-page 143
PIC18F2XK20/4XK20
12.2
Timer1 16-Bit Read/Write Mode
Timer1 can be configured for 16-bit reads and writes
(see Figure 12-2). When the RD16 control bit of the
T1CON register is set, the address for TMR1H is
mapped to a buffer register for the high byte of Timer1.
A read from TMR1L will load the contents of the high
byte of Timer1 into the Timer1 high byte buffer. This
provides the user with the ability to accurately read all
16 bits of Timer1 without the need to determine
whether a read of the high byte, followed by a read of
the low byte, has become invalid due to a rollover or
carry between reads.
Writing to TMR1H does not directly affect Timer1.
Instead, the high byte of Timer1 is updated with the
contents of TMR1H when a write occurs to TMR1L.
This allows all 16 bits of Timer1 to be updated at once.
The high byte of Timer1 is not directly readable or
writable in this mode. All reads and writes must take
place through the Timer1 High Byte Buffer register.
Writes to TMR1H do not clear the Timer1 prescaler.
The prescaler is only cleared on writes to TMR1L.
12.3
Timer1 Oscillator
An on-chip crystal oscillator circuit is incorporated
between pins T1OSI (input) and T1OSO (amplifier
output). It is enabled by setting the Timer1 Oscillator
Enable bit, T1OSCEN of the T1CON register. The
oscillator is a low-power circuit rated for 32 kHz crystals.
It will continue to run during all power-managed modes.
The circuit for a typical LP oscillator is shown in
Figure 12-3. Table 12-1 shows the capacitor selection
for the Timer1 oscillator.
The user must provide a software time delay to ensure
proper start-up of the Timer1 oscillator.
FIGURE 12-3:
EXTERNAL
COMPONENTS FOR THE
TIMER1 LP OSCILLATOR
TABLE 12-1:
CAPACITOR SELECTION FOR
THE TIMER OSCILLATOR
12.3.1
USING TIMER1 AS A
CLOCK SOURCE
The Timer1 oscillator is also available as a clock source
in power-managed modes. By setting the clock select
bits, SCS<1:0> of the OSCCON register, to ‘01’, the
device switches to SEC_RUN mode; both the CPU and
peripherals are clocked from the Timer1 oscillator. If the
IDLEN bit of the OSCCON register is cleared and a
SLEEP
instruction is executed, the device enters
SEC_IDLE mode. Additional details are available in
Section 3.0 “Power-Managed Modes”.
Whenever the Timer1 oscillator is providing the clock
source, the Timer1 system clock status flag, T1RUN of
the T1CON register, is set. This can be used to deter-
mine the controller’s current clocking mode. It can also
indicate which clock source is currently being used by
the Fail-Safe Clock Monitor. If the Clock Monitor is
enabled and the Timer1 oscillator fails while providing
the clock, polling the T1RUN bit will indicate whether
the clock is being provided by the Timer1 oscillator or
another source.
Note:
See the Notes with Table 12-1 for additional
information about capacitor selection.
C1
C2
XTAL
T1OSI
T1OSO
32.768 kHz
27 pF
27 pF
PIC® MCU
Osc Type
Freq
C1
C2
LP
32 kHz
27 pF(1)
27 pF(1)
Note 1: Microchip suggests these values only as a
starting point in validating the oscillator
circuit.
2: Higher capacitance increases the stability
of the oscillator but also increases the
start-up time.
3: Since each resonator/crystal has its own
characteristics, the user should consult
the resonator/crystal manufacturer for
appropriate values of external
components.
4: Capacitor values are for design guidance
only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com