Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC18F23K20-E/SOSQTP Datasheet(PDF) 155 Page - Microchip Technology

Part # PIC18F23K20-E/SOSQTP
Description  28/40/44-Pin Flash Microcontrollers with 10-Bit A/D and nanoWatt Technology
PDF  420 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F23K20-E/SOSQTP Datasheet(HTML) 155 Page - Microchip Technology

Back Button PIC18F23K20-E/SOSQTP Datasheet HTML 151Page - Microchip Technology PIC18F23K20-E/SOSQTP Datasheet HTML 152Page - Microchip Technology PIC18F23K20-E/SOSQTP Datasheet HTML 153Page - Microchip Technology PIC18F23K20-E/SOSQTP Datasheet HTML 154Page - Microchip Technology PIC18F23K20-E/SOSQTP Datasheet HTML 155Page - Microchip Technology PIC18F23K20-E/SOSQTP Datasheet HTML 156Page - Microchip Technology PIC18F23K20-E/SOSQTP Datasheet HTML 157Page - Microchip Technology PIC18F23K20-E/SOSQTP Datasheet HTML 158Page - Microchip Technology PIC18F23K20-E/SOSQTP Datasheet HTML 159Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 155 / 420 page
background image
© 2007 Microchip Technology Inc.
Advance Information
DS41303B-page 153
PIC18F2XK20/4XK20
15.0
CAPTURE/COMPARE/PWM
(CCP) MODULES
PIC18F2XK20/4XK20
devices
have
two
CCP
Capture/Compare/PWM)
modules.
Each
module
contains a 16-bit register which can operate as a 16-bit
Capture register, a 16-bit Compare register or a PWM
Master/Slave Duty Cycle register.
CCP1 is implemented as an enhanced CCP module with
standard Capture and Compare modes and enhanced
PWM modes. The ECCP implementation is discussed in
Section 16.0
“Enhanced
Capture/Compare/PWM
(ECCP) Module”. CCP2 is implemented as a standard
CCP module without the enhanced features.
The Capture and Compare operations described in this
chapter apply to both standard and enhanced CCP
modules.
Note: Throughout this section and Section 16.0
“Enhanced Capture/Compare/PWM (ECCP)
Module”, references to the register and bit
names for CCP modules are referred to
generically by the use of ‘x’ or ‘y’ in place of the
specific module number. Thus, “CCPxCON”
might refer to the control register for CCP1,
CCP2 or ECCP1. “CCPxCON” is used
throughout these sections to refer to the
module control register, regardless of whether
the CCP module is a standard or enhanced
implementation.
REGISTER 15-1:
CCP2CON: STANDARD CAPTURE/COMPARE/PWM CONTROL REGISTER
U-0
U-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
—
—
DC2B1
DC2B0
CCP2M3
CCP2M2
CCP2M1
CCP2M0
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7-6
Unimplemented: Read as ‘0’
bit 5-4
DC2B<1:0>: PWM Duty Cycle bit 1 and bit 0 for CCP2 Module
Capture mode:
Unused.
Compare mode:
Unused.
PWM mode:
These bits are the two LSbs (bit 1 and bit 0) of the 10-bit PWM duty cycle. The eight MSbs
(DC2B<9:2>) of the duty cycle are found in CCPR2L.
bit 3-0
CCP2M<3:0>: CCP2 Mode Select bits
0000
= Capture/Compare/PWM disabled (resets CCP2 module)
0001
= Reserved
0010
= Compare mode, toggle output on match (CCP2IF bit is set)
0011
= Reserved
0100
= Capture mode, every falling edge
0101
= Capture mode, every rising edge
0110
= Capture mode, every 4th rising edge
0111
= Capture mode, every 16th rising edge
1000
= Compare mode: initialize CCP2 pin low; on compare match, force CCP2 pin high
(CCP2IF bit is set)
1001
= Compare mode: initialize CCP2 pin high; on compare match, force CCP2 pin low
(CCP2IF bit is set)
1010
= Compare mode: generate software interrupt on compare match (CCP2IF bit is set,
CCP2 pin reflects I/O state)
1011
= Compare mode: trigger special event, reset timer, start A/D conversion on
CCP2 match (CCP2IF bit is set)
11xx
=PWM mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com