Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC18F23K20-E/SOSQTP Datasheet(PDF) 187 Page - Microchip Technology

Part # PIC18F23K20-E/SOSQTP
Description  28/40/44-Pin Flash Microcontrollers with 10-Bit A/D and nanoWatt Technology
PDF  420 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F23K20-E/SOSQTP Datasheet(HTML) 187 Page - Microchip Technology

Back Button PIC18F23K20-E/SOSQTP Datasheet HTML 183Page - Microchip Technology PIC18F23K20-E/SOSQTP Datasheet HTML 184Page - Microchip Technology PIC18F23K20-E/SOSQTP Datasheet HTML 185Page - Microchip Technology PIC18F23K20-E/SOSQTP Datasheet HTML 186Page - Microchip Technology PIC18F23K20-E/SOSQTP Datasheet HTML 187Page - Microchip Technology PIC18F23K20-E/SOSQTP Datasheet HTML 188Page - Microchip Technology PIC18F23K20-E/SOSQTP Datasheet HTML 189Page - Microchip Technology PIC18F23K20-E/SOSQTP Datasheet HTML 190Page - Microchip Technology PIC18F23K20-E/SOSQTP Datasheet HTML 191Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 187 / 420 page
background image
© 2007 Microchip Technology Inc.
Advance Information
DS41303B-page 185
PIC18F2XK20/4XK20
17.0
MASTER SYNCHRONOUS
SERIAL PORT (MSSP)
MODULE
17.1
Master SSP (MSSP) Module
Overview
The Master Synchronous Serial Port (MSSP) module is
a serial interface, useful for communicating with other
peripheral or microcontroller devices. These peripheral
devices may be serial EEPROMs, shift registers, dis-
play drivers, A/D converters, etc. The MSSP module
can operate in one of two modes:
• Serial Peripheral Interface (SPI)
• Inter-Integrated Circuit (I2C)
- Full Master mode
- Slave mode (with general address call)
The I2C interface supports the following modes in
hardware:
•Master mode
• Multi-Master mode
• Slave mode
17.2
Control Registers
The MSSP module has seven associated registers.
These include:
• SSPSTA – STATUS register
• SSPCON1 – First Control register
• SSPCON2 – Second Control register
• SSPBUF – Transmit/Receive buffer
• SSPSR – Shift register (not directly accessible)
• SSPADD – Address register
• SSPMSK – Address Mask register
The use of these registers and their individual Configu-
ration bits differ significantly depending on whether the
MSSP module is operated in SPI or I2C mode.
Additional details are provided under the individual
sections.
17.3
SPI Mode
The SPI mode allows 8 bits of data to be synchronously
transmitted and received simultaneously. All four
modes
of
SPI
are
supported.
To
accomplish
communication, typically three pins are used:
• Serial Data Out – SDO
• Serial Data In – SDI/SDA
• Serial Clock – SCK/SCL
Additionally, a fourth pin may be used when in a Slave
mode of operation:
• Slave Select – SS
Figure 17-1 shows the block diagram of the MSSP
module when operating in SPI mode.
FIGURE 17-1:
MSSP BLOCK DIAGRAM
(SPI MODE)
(
)
Read
Write
Internal
Data Bus
SSPSR Reg
SSPM<3:0>
bit 0
Shift
Clock
SS Control
Enable
Edge
Select
Clock Select
TMR2 Output
TOSC
Prescaler
4, 16, 64
2
Edge
Select
2
4
Data to TX/RX in SSPSR
TRIS bit
2
SMP:CKE
SDO
SSPBUF Reg
SDI/SDA
SS
SCK/SCL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com