Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16F917-E/SPQTP Datasheet(PDF) 19 Page - Microchip Technology

Part # PIC16F917-E/SPQTP
Description  28/40/44/64-Pin Flash-Based, 8-Bit CMOS Microcontrollers with LCD Driver and nanoWatt Technology
PDF  330 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F917-E/SPQTP Datasheet(HTML) 19 Page - Microchip Technology

Back Button PIC16F917-E/SPQTP Datasheet HTML 15Page - Microchip Technology PIC16F917-E/SPQTP Datasheet HTML 16Page - Microchip Technology PIC16F917-E/SPQTP Datasheet HTML 17Page - Microchip Technology PIC16F917-E/SPQTP Datasheet HTML 18Page - Microchip Technology PIC16F917-E/SPQTP Datasheet HTML 19Page - Microchip Technology PIC16F917-E/SPQTP Datasheet HTML 20Page - Microchip Technology PIC16F917-E/SPQTP Datasheet HTML 21Page - Microchip Technology PIC16F917-E/SPQTP Datasheet HTML 22Page - Microchip Technology PIC16F917-E/SPQTP Datasheet HTML 23Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 330 page
background image
© 2007 Microchip Technology Inc.
DS41250F-page 17
PIC16F913/914/916/917/946
FIGURE 1-3:
PIC16F946 BLOCK DIAGRAM
Power-up
Timer
Oscillator
Start-up Timer
Power-on
Reset
Watchdog
Timer
Brown-out
Reset
RB0
RB1
RB2
RB3
RB4
RB5
RB6
RB7
Flash
Program
Memory
13
Data Bus
8
14
Program
Bus
Instruction Reg
Program Counter
RAM
File
Registers
Direct Addr
7
RAM Addr
9
Addr MUX
Indirect
Addr
FSR Reg
STATUS Reg
MUX
ALU
W Reg
Instruction
Decode and
Control
Timing
Generation
OSC1/CLKIN
OSC2/CLKOUT
PORTA
8
8
8
3
8-Level Stack (13-bit)
336 x 8 bytes
8K x 14
VSS
RA0
RA1
RA2
RA3
RA4
RA5
RA6
RA7
Configuration
Internal
Oscillator
VDD
Block
Program Memory Read
PORTC
RC0
RC1
RC2
RC3
RC4
RC5
RC6
RC7
PORTD
(PMR)
PORTB
PLVD
LCD
Data EEPROM
256 bytes
Comparators
SSP
CCP1
CCP2
Timer0
Timer1
Timer2
10-bit A/D
Addressable
USART
PORTE
PORTF
PORTG
RD0
RD1
RD2
RD3
RD4
RD5
RD6
RD7
RE0
RE1
RE2
RE3/MCLR
RE4
RE5
RE6
RE7
RF0
RF1
RF2
RF3
RF4
RF5
RF6
RF7
RG0
RG1
RG2
RG3
RG4
RG5
INT
AVSS
AVDD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com