Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC44EPC25B-Z Datasheet(PDF) 29 Page - TDK Electronics

Part # PC44EPC25B-Z
Description  Ferrite for Switching Power Supplies
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

PC44EPC25B-Z Datasheet(HTML) 29 Page - TDK Electronics

Back Button PC44EPC25B-Z Datasheet HTML 25Page - TDK Electronics PC44EPC25B-Z Datasheet HTML 26Page - TDK Electronics PC44EPC25B-Z Datasheet HTML 27Page - TDK Electronics PC44EPC25B-Z Datasheet HTML 28Page - TDK Electronics PC44EPC25B-Z Datasheet HTML 29Page - TDK Electronics PC44EPC25B-Z Datasheet HTML 30Page - TDK Electronics PC44EPC25B-Z Datasheet HTML 31Page - TDK Electronics PC44EPC25B-Z Datasheet HTML 32Page - TDK Electronics PC44EPC25B-Z Datasheet HTML 33Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 45 page
background image
(28/44)
002-03 / 20100305 / e143.fm
• All specifications are subject to change without notice.
LP Series LP32/13 Cores
∗ Coil: ø0.35 2UEW 100Ts
NI limit vs. AL-value for
AL-value vs. Air gap length for
Temperature rise vs. Total loss for
PC44LP32/13 gapped core (Typical)
PC44LP32/13core (Typical)
LP32/13 core (Typical)
(Ambient temperature: 25°C)
PARAMETER
Core factor
C1
mm–1 0.909
Effective magnetic path length
emm
64.0
Effective cross-sectional area
Ae
mm2
70.3
Effective core volume
Ve
mm3
4500
Cross-sectional center pole area
A
cp
mm2
58.1
Minimum cross-sectional center pole area A
cp min. mm2
55.4
Cross-sectional winding area of core
Acw
mm2
125.3
Weight (approx.)
g30
ø8.6
±0.2
13.5
±0.5
19.0
±0.3
24.1
±0.3
31.8
±0.2
25.0
±0.4
Dimensions in mm
Part No.
AL-value (nH/N2)
Core loss (W) at 100°C
Calculated output power
(forward converter mode)
100kHz, 200mT
PC44LP32/13Z-12
2630±25% (1kHz, 0.5mA)∗
3730 min. (100kHz, 200mT)
1.38 max.
164W (100kHz)
Note: The temperature rise is measured in the
room whose temperature and humidity are
fixed to 25°C and 45(%)RH. respectively.
(approx. 400
×300×300cm)
Measuring point
Core
Coil
102
103
AL-value(nH/N2)
103
104
102
101
101
Temperature: 100˚C
40%
20%
NI20%=16254×AL–0.9849
NI40%=15407×AL–0.9654
104
103
102
101
Air gap length(mm)
0.01
0.10
1
10
Center pole gap
Temperature: 25˚C
AL=106.84×lg –0.732
0
50
100
Total loss Pm(W)
05
4
3
2
1
Note: NI limit shows the point where the exciting
current is 20% and 40% away from its
extended linear part.
Measuring conditions • Coil: ø0.35 2UEW 100Ts
• Frequency: 1kHz
• Level: 0.5mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com