Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DDB-UJS-R1 Datasheet(PDF) 5 Page - DOMINANT Semiconductors

Part # DDB-UJS-R1
Description  LED InGaN
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DOMINANT [DOMINANT Semiconductors]
Direct Link  http://www.dominant-semi.com
Logo DOMINANT - DOMINANT Semiconductors

DDB-UJS-R1 Datasheet(HTML) 5 Page - DOMINANT Semiconductors

  DDB-UJS-R1 Datasheet HTML 1Page - DOMINANT Semiconductors DDB-UJS-R1 Datasheet HTML 2Page - DOMINANT Semiconductors DDB-UJS-R1 Datasheet HTML 3Page - DOMINANT Semiconductors DDB-UJS-R1 Datasheet HTML 4Page - DOMINANT Semiconductors DDB-UJS-R1 Datasheet HTML 5Page - DOMINANT Semiconductors DDB-UJS-R1 Datasheet HTML 6Page - DOMINANT Semiconductors DDB-UJS-R1 Datasheet HTML 7Page - DOMINANT Semiconductors DDB-UJS-R1 Datasheet HTML 8Page - DOMINANT Semiconductors DDB-UJS-R1 Datasheet HTML 9Page - DOMINANT Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
Unit
Absolute Maximum Ratings
Maximum Value
DC Forward Current
Peak Pulse Current; (tp ≤ 10µs, Duty cycle = 0.005)
Reverse Voltage
ESD Threshold (HBM)
LED Junction Temperature
Operating Temperature
Storage Temperature
Power Dissipation (at room temperature)
Thermal Resistance Junction/Solder Point
20
DDB = 300
DDC, DDT = 400
5
2
125
-40 … +100
-40 … +100
85
230
mA
mA
V
kV
˚C
˚C
˚C
mW
K/W
InGaN : DDx-xJx
DOMINANT TM
Semiconductors
Innovating Illumination
07/05/2007 V12.0
5
Vr @ Ir = 10 µA
Electrical Characteristics at Ta=250C
Vf @ If = 20 mA
3.2
3.4
5.0
5.0
Forward Voltage, Vf is measured with an accuracy of ± 0.1 V.
Part Number
Min. (V)
Typ. (V)
Max. (V)
Min. (V)
DDC, DDB
DDT
2.9
2.9
3.8
4.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com