Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DDO-CRS-R2 Datasheet(PDF) 8 Page - DOMINANT Semiconductors

Part # DDO-CRS-R2
Description  LED - AlInGaP
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DOMINANT [DOMINANT Semiconductors]
Direct Link  http://www.dominant-semi.com
Logo DOMINANT - DOMINANT Semiconductors

DDO-CRS-R2 Datasheet(HTML) 8 Page - DOMINANT Semiconductors

Back Button DDO-CRS-R2 Datasheet HTML 3Page - DOMINANT Semiconductors DDO-CRS-R2 Datasheet HTML 4Page - DOMINANT Semiconductors DDO-CRS-R2 Datasheet HTML 5Page - DOMINANT Semiconductors DDO-CRS-R2 Datasheet HTML 6Page - DOMINANT Semiconductors DDO-CRS-R2 Datasheet HTML 7Page - DOMINANT Semiconductors DDO-CRS-R2 Datasheet HTML 8Page - DOMINANT Semiconductors DDO-CRS-R2 Datasheet HTML 9Page - DOMINANT Semiconductors DDO-CRS-R2 Datasheet HTML 10Page - DOMINANT Semiconductors DDO-CRS-R2 Datasheet HTML 11Page - DOMINANT Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
DOMINANT Semiconductors
18/08/05
DomiLED AlInGaP DDx-xRS - Catalogue-v4
Page 8 of 11
Relative intensity vs. forward current.
Forward current vs. forward voltage.
Intensity vs. DC Forward Current
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
2.2
0
1020
3040
5060
FORWARD CURRENT (mA)
Forward Current (mA) vs. Forward Voltage
0
5
10
15
20
25
30
35
1.21.4
1.61.8
2
2.2
2.42.6
Forward Voltage (V)
AS AlInGaP
TS AlInGaP
Radiation pattern.
Maximum forward current vs. temperature.
0.2
70°
90°
80°
0
60°
50°
40°
30°
20°
0.6
0.4
1.0
0.8
10°
0°
0
5
10
15
20
25
30
35
0
10
2030405060
708090
10
Ambient Temperature
0
Relative Intensity vs. Wavelength
Relative Spectra Emission
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
500
550
600
650
700
750
800
Wa v e l e ngth (nm )
Gr een
Or ange
Amber
Super Red
Hyper Red
Red



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com