Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC18F23K20-E/SPSQTP Datasheet(PDF) 97 Page - Microchip Technology

Part # PIC18F23K20-E/SPSQTP
Description  28/40/44-Pin Flash Microcontrollers with 10-Bit A/D and nanoWatt Technology
PDF  420 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F23K20-E/SPSQTP Datasheet(HTML) 97 Page - Microchip Technology

Back Button PIC18F23K20-E/SPSQTP Datasheet HTML 93Page - Microchip Technology PIC18F23K20-E/SPSQTP Datasheet HTML 94Page - Microchip Technology PIC18F23K20-E/SPSQTP Datasheet HTML 95Page - Microchip Technology PIC18F23K20-E/SPSQTP Datasheet HTML 96Page - Microchip Technology PIC18F23K20-E/SPSQTP Datasheet HTML 97Page - Microchip Technology PIC18F23K20-E/SPSQTP Datasheet HTML 98Page - Microchip Technology PIC18F23K20-E/SPSQTP Datasheet HTML 99Page - Microchip Technology PIC18F23K20-E/SPSQTP Datasheet HTML 100Page - Microchip Technology PIC18F23K20-E/SPSQTP Datasheet HTML 101Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 420 page
background image
© 2007 Microchip Technology Inc.
Advance Information
DS41303B-page 95
PIC18F2XK20/4XK20
EXAMPLE 6-3:
WRITING TO FLASH PROGRAM MEMORY (CONTINUED)
6.5.2
WRITE VERIFY
Depending on the application, good programming
practice may dictate that the value written to the
memory should be verified against the original value.
This should be used in applications where excessive
writes can stress bits near the specification limit.
6.5.3
UNEXPECTED TERMINATION OF
WRITE OPERATION
If a write is terminated by an unplanned event, such as
loss of power or an unexpected Reset, the memory
location just programmed should be verified and
reprogrammed if needed. If the write operation is
interrupted by a MCLR Reset or a WDT Time-out Reset
during normal operation, the WRERR bit will be set
which the user can check to decide whether a rewrite
of the location(s) is needed.
6.5.4
PROTECTION AGAINST
SPURIOUS WRITES
To protect against spurious writes to Flash program
memory, the write initiate sequence must also be
followed. See Section 23.0 “Special Features of the
CPU” for more detail.
6.6
Flash Program Operation During
Code Protection
See Section 23.3 “Program Verification and Code
Protection” for details on code protection of Flash
program memory.
TABLE 6-3:
REGISTERS ASSOCIATED WITH PROGRAM FLASH MEMORY
DECFSZ
COUNTER
; loop until holding registers are full
BRA
WRITE_WORD_TO_HREGS
PROGRAM_MEMORY
BSF
EECON1, EEPGD
; point to Flash program memory
BCF
EECON1, CFGS
; access Flash program memory
BSF
EECON1, WREN
; enable write to memory
BCF
INTCON, GIE
; disable interrupts
MOVLW
55h
Required
MOVWF
EECON2
; write 55h
Sequence
MOVLW
0AAh
MOVWF
EECON2
; write 0AAh
BSF
EECON1, WR
; start program (CPU stall)
DCFSZ
COUNTER2
; repeat for remaining write blocks
BRA
WRITE_BYTE_TO_HREGS
;
BSF
INTCON, GIE
; re-enable interrupts
BCF
EECON1, WREN
; disable write to memory
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Reset
Values on
page
TBLPTRU
—
—
bit 21
Program Memory Table Pointer Upper Byte (TBLPTR<20:16>)
57
TBPLTRH
Program Memory Table Pointer High Byte (TBLPTR<15:8>)
57
TBLPTRL
Program Memory Table Pointer Low Byte (TBLPTR<7:0>)
57
TABLAT
Program Memory Table Latch
57
INTCON
GIE/GIEH PEIE/GIEL TMR0IE
INT0IE
RBIE
TMR0IF
INT0IF
RBIF
57
EECON2
EEPROM Control Register 2 (not a physical register)
59
EECON1
EEPGD
CFGS
—
FREE
WRERR
WREN
WR
RD
59
IPR2
OSCFIP
C1IP
C2IP
EEIP
BCLIP
HLVDIP
TMR3IP
CCP2IP
60
PIR2
OSCFIF
C1IF
C2IF
EEIF
BCLIF
HLVDIF
TMR3IF
CCP2IF
60
PIE2
OSCFIE
C1IE
C2IE
EEIE
BCLIE
HLVDIE
TMR3IE
CCP2IE
60
Legend: — = unimplemented, read as ‘0’. Shaded cells are not used during Flash/EEPROM access.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com