Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16F010-E/MC Datasheet(PDF) 17 Page - Microchip Technology

Part # PIC16F010-E/MC
Description  8/14-Pin, 8-Bit Flash Microcontroller
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F010-E/MC Datasheet(HTML) 17 Page - Microchip Technology

Back Button PIC16F010-E/MC Datasheet HTML 13Page - Microchip Technology PIC16F010-E/MC Datasheet HTML 14Page - Microchip Technology PIC16F010-E/MC Datasheet HTML 15Page - Microchip Technology PIC16F010-E/MC Datasheet HTML 16Page - Microchip Technology PIC16F010-E/MC Datasheet HTML 17Page - Microchip Technology PIC16F010-E/MC Datasheet HTML 18Page - Microchip Technology PIC16F010-E/MC Datasheet HTML 19Page - Microchip Technology PIC16F010-E/MC Datasheet HTML 20Page - Microchip Technology PIC16F010-E/MC Datasheet HTML 21Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 116 page
background image
© 2007 Microchip Technology Inc.
Preliminary
DS41268C-page 15
PIC12F510/16F506
4.0
MEMORY ORGANIZATION
The PIC12F510/16F506 memories are organized into
program memory and data memory. For devices with
more than 512 bytes of program memory, a paging
scheme is used. Program memory pages are accessed
using STATUS register bit PA0. For the PIC12F510 and
PIC16F506, with data memory register files of more
than 32 registers, a banking scheme is used. Data
memory banks are accessed using the File Select
Register (FSR).
4.1
Program Memory Organization for
the PIC12F510/16F506
The
PIC12F510/16F506
devices
have
a
10-bit
Program Counter (PC) capable of addressing a 2K x 12
program memory space.
Only the first 1K x 12 (0000h-03FFh) are physically
implemented (see Figure 4-1). Accessing a location
above these boundaries will cause a wraparound
within the 1K x 12 space. The effective Reset vector
is a 0000h (see Figure 4-1). Location 03FFh contains
the internal clock oscillator calibration value. This
value should never be overwritten.
FIGURE 4-1:
PROGRAM MEMORY MAP
AND STACK FOR THE
PIC12F510/16F506
CALL
, RETLW
PC<11:0>
Stack Level 1
Stack Level 2
10
0000h
7FFh
01FFh
0200h
On-chip Program
Memory
Reset Vector(1)
Note
1:
Address 0000h becomes the effective
Reset vector. Location 03FFh contains
the MOVLW XX internal oscillator
calibration value.
512 Word
1024 Word
03FFh
0400h
On-chip Program
Memory



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com