Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC24HJ12GP201I/SP Datasheet(PDF) 80 Page - Microchip Technology

Part # PIC24HJ12GP201I/SP
Description  High-Performance, 16-Bit Microcontrollers
PDF  234 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24HJ12GP201I/SP Datasheet(HTML) 80 Page - Microchip Technology

Back Button PIC24HJ12GP201I/SP Datasheet HTML 76Page - Microchip Technology PIC24HJ12GP201I/SP Datasheet HTML 77Page - Microchip Technology PIC24HJ12GP201I/SP Datasheet HTML 78Page - Microchip Technology PIC24HJ12GP201I/SP Datasheet HTML 79Page - Microchip Technology PIC24HJ12GP201I/SP Datasheet HTML 80Page - Microchip Technology PIC24HJ12GP201I/SP Datasheet HTML 81Page - Microchip Technology PIC24HJ12GP201I/SP Datasheet HTML 82Page - Microchip Technology PIC24HJ12GP201I/SP Datasheet HTML 83Page - Microchip Technology PIC24HJ12GP201I/SP Datasheet HTML 84Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 234 page
background image
PIC24HJ12GP201/202
DS70282B-page 78
Preliminary
© 2007 Microchip Technology Inc.
7.1
CPU Clocking System
The PIC24HJ12GP201/202 device provides seven
system clock options:
• Fast RC (FRC) Oscillator
• FRC Oscillator with PLL
• Primary (XT, HS or EC) Oscillator
• Primary Oscillator with PLL
• Secondary (LP) Oscillator
• Low-Power RC (LPRC) Oscillator
• FRC Oscillator with postscaler
7.1.1
SYSTEM CLOCK SOURCES
7.1.1.1
Fast RC
The Fast RC (FRC) internal oscillator runs at a nominal
frequency of 7.37 MHz. User software can tune the
FRC frequency. User software can optionally specify a
factor (ranging from 1:2 to 1:256) by which the FRC
clock frequency is divided. This factor is selected using
the FRCDIV<2:0> (CLKDIV<10:8>) bits.
7.1.1.2
Primary
The primary oscillator can use one of the following as
its clock source:
• XT (Crystal): Crystals and ceramic resonators in
the range of 3 MHz to 10 MHz. The crystal is
connected to the OSC1 and OSC2 pins.
• HS (High-Speed Crystal): Crystals in the range of
10 MHz to 40 MHz. The crystal is connected to
the OSC1 and OSC2 pins.
• EC (External Clock): External clock signal in the
range of 0.8 MHz to 64 MHz. The external clock
signal is directly applied to the OSC1 pin.
7.1.1.3
Secondary
The secondary (LP) oscillator is designed for low power
and uses a 32.768 kHz crystal or ceramic resonator.
The LP oscillator uses the SOSCI and SOSCO pins.
7.1.1.4
Low-Power RC
The Low-Power RC (LPRC) internal oscIllator runs at a
nominal frequency of 32.768 kHz. It is also used as a
reference clock by the Watchdog Timer (WDT) and
Fail-Safe Clock Monitor (FSCM).
7.1.1.5
FRC
The clock signals generated by the FRC and primary
oscillators can be optionally applied to an on-chip
Phase Locked Loop (PLL) to provide a wide range of
output
frequencies
for
device
operation.
PLL
configuration is described in Section 7.1.3 “PLL
Configuration”.
7.1.2
SYSTEM CLOCK SELECTION
The oscillator source used at a device Power-on Reset
event is selected using Configuration bit settings. The
oscillator Configuration bit settings are located in the
Configuration registers in the program memory. (Refer
to Section 18.1 “Configuration Bits” for further
details.) The Initial Oscillator Selection Configuration
bits, FNOSC<2:0> (FOSCSEL<2:0>), and the Primary
Oscillator
Mode
Select
Configuration
bits,
POSCMD<1:0> (FOSC<1:0>), select the oscillator
source that is used at a Power-on Reset. The FRC
primary oscillator is the default (unprogrammed)
selection.
The Configuration bits allow users to choose among 12
different clock modes, shown in Table 7-1.
The output of the oscillator (or the output of the PLL if
a PLL mode has been selected) FOSC is divided by 2 to
generate the device instruction clock (FCY). FCY
defines the operating speed of the device, and speeds
up to 40 MHz are supported by the PIC24HJ12GP201/
202 architecture.
Instruction execution speed or device operating
frequency, FCY, is given by:
EQUATION 7-1:
DEVICE OPERATING
FREQUENCY
7.1.3
PLL CONFIGURATION
The primary oscillator and internal FRC oscillator can
optionally use an on-chip PLL to obtain higher speeds
of operation. The PLL provides significant flexibility in
selecting the device operating speed. A block diagram
of the PLL is shown in Figure 7-2.
The output of the primary oscillator or FRC, denoted as
‘FIN’, is divided down by a prescale factor (N1) of 2, 3,
... or 33 before being provided to the PLL’s Voltage
Controlled Oscillator (VCO). The input to the VCO must
be selected in the range of 0.8 MHz to 8 MHz. The
prescale
factor
‘N1’
is
selected
using
the
PLLPRE<4:0> bits (CLKDIV<4:0>).
The PLL Feedback Divisor, selected using the
PLLDIV<8:0> bits (PLLFBD<8:0>), provides a factor ‘M,’
by which the input to the VCO is multiplied. This factor
must be selected such that the resulting VCO output
frequency is in the range of 100 MHz to 200 MHz.
The VCO output is further divided by a postscale factor
‘N2.’ This factor is selected using the PLLPOST<1:0>
bits (CLKDIV<7:6>). ‘N2’ can be either 2, 4 or 8, and
must be selected such that the PLL output frequency
(FOSC) is in the range of 12.5 MHz to 80 MHz, which
generates device operating speeds of 6.25-40 MIPS.
FCY = FOSC/2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com