Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8652 Datasheet(PDF) 13 Page - Analog Devices

Part # AD8652
Description  50 MHz, Precision, Low Distortion, Low Noise CMOS Amplifiers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8652 Datasheet(HTML) 13 Page - Analog Devices

Back Button AD8652 Datasheet HTML 9Page - Analog Devices AD8652 Datasheet HTML 10Page - Analog Devices AD8652 Datasheet HTML 11Page - Analog Devices AD8652 Datasheet HTML 12Page - Analog Devices AD8652 Datasheet HTML 13Page - Analog Devices AD8652 Datasheet HTML 14Page - Analog Devices AD8652 Datasheet HTML 15Page - Analog Devices AD8652 Datasheet HTML 16Page - Analog Devices AD8652 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
Data Sheet
AD8651/AD8652
Rev. D | Page 13 of 20
0
100
80
60
40
20
FREQUENCY (Hz)
10
1k
10M
1M
100k
10k
100
VS = ±1.35V
Figure 47. CMRR vs. Frequency
0
100
80
60
40
20
FREQUENCY (Hz)
1
10
100
1k
10k
100k
1M
10M
VS = ±1.35V
+PSRR
–PSRR
Figure 48. PSRR vs. Frequency
–20
0
20
40
60
80
100
120
140
–180
–135
–90
–45
0
FREQUENCY (Hz)
10
100
1k
10k
100k
1M
10M
100M
VS = ±1.35V
Figure 49. Open-Loop Gain and Phase vs. Frequency
108
110
120
118
116
114
112
TEMPERATURE (°C)
–50
0
50
100
150
VS = ±1.35V
RL = 1kΩ
Figure 50. Open-Loop Gain vs. Temperature
G = 100
G = 10
G = 1
VS = ±1.35V
RL = 1MΩ
CL = 47pF
FREQUENCY (Hz)
5k
–40
–20
20
0
60
40
50k
5M
500k
50M
300M
Figure 51. Closed-Loop Gain vs. Frequency
FREQUENCY (Hz)
10M
100
1k
10k
100k
1M
0
–20
–40
–60
–80
–100
–120
–140
VIN
28mV p-p
V+
V–
V–
V+
–2.5V
+2.5V
VOUT
R1
10kΩ
R2
100Ω
VS = ±2.5V
Figure 52. Channel Separation vs. Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com