Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

190856 Datasheet(PDF) 1 Page - Festo Corporation.

Part # 190856
Description  Non return valve
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FESTO [Festo Corporation.]
Direct Link  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

190856 Datasheet(HTML) 1 Page - Festo Corporation.

  190856 Datasheet HTML 1Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Non return valve
HA-1/2-QS-3/8-U
Part number: 190856
General operating condition
Data sheet
Feature
Value
Valve function
Non-return function
Pneumatic connection 1
1/2 NPT
Pneumatic connection 2
QS-3/8
Type of mounting
Screw-in
Standard nominal flow rate
1800 l/min
Operating pressure
-1 bar ... 10 bar
Ambient temperature
0 °C ... 60 °C
Housing material
Brass
Operating medium
Compressed air as per ISO 8573-1:2010 [7:-:-]
Symbol
00991455
Min. differential pressure, opening
0.1 bar
Min. differential pressure, closing
0.2 bar
Information on operating and pilot media
Operation with oil lubrication possible (required for further use)
LABS (PWIS) conformity
VDMA24364-B1/B2-L
Product weight
67 g
Note on materials
RoHS-compliant
10/16/24 - Subject to change - Festo SE & Co. KG
1/1


Similar Part No. - 190856

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
19085-0008 MOLEX4-19085-0008 Datasheet
93Kb / 2P
Open Barrel Ring , Tin-Plated Steel, for 14-18 AWG Wire, Stud Size 8 (M4)
logo
Festo Corporation.
190850 FESTO-190850 Datasheet
122Kb / 1P
Non return valve
logo
Molex Electronics Ltd.
190850003 MOLEX4-190850003 Datasheet
93Kb / 2P
Open Barrel Ring , Brass, for 14-18 AWG Wire, Stud Size 10
190850004 MOLEX4-190850004 Datasheet
94Kb / 2P
Open Barrel Ring , Tin-Plated Brass, for 14-18 AWG Wire, Stud Size 6 (M3.5)
190850005 MOLEX4-190850005 Datasheet
94Kb / 2P
Open Barrel Ring , Tin-Plated Brass, for 14-18 AWG Wire, Stud Size 8 (M4)
More results

Similar Description - 190856

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
34878 FESTO-34878 Datasheet
75Kb / 1P
Piloted non return valve
4/11/22
34880 FESTO-34880 Datasheet
74Kb / 1P
Piloted non return valve
4/11/22
530029 FESTO-530029 Datasheet
88Kb / 2P
Piloted non return valve
4/11/22
530033 FESTO-530033 Datasheet
81Kb / 2P
Piloted non return valve
4/11/22
530039 FESTO-530039 Datasheet
86Kb / 2P
Piloted non return valve
4/11/22
530044 FESTO-530044 Datasheet
90Kb / 2P
Piloted non return valve
4/11/22
1927027 FESTO-1927027 Datasheet
104Kb / 1P
Non return valve
4/11/22
8001460 FESTO-8001460 Datasheet
104Kb / 1P
Non return valve
4/11/22
8039820 FESTO-8039820 Datasheet
71Kb / 1P
Non return valve
8/7/22
8039821 FESTO-8039821 Datasheet
94Kb / 1P
Non return valve
8/7/22
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com