Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8613AUJZ-R2 Datasheet(PDF) 6 Page - Analog Devices

Part # AD8613AUJZ-R2
Description  Low Cost Micropower, Low Noise CMOS Rail-to-Rail, Input/Output Operational Amplifiers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8613AUJZ-R2 Datasheet(HTML) 6 Page - Analog Devices

Back Button AD8613AUJZ-R2 Datasheet HTML 2Page - Analog Devices AD8613AUJZ-R2 Datasheet HTML 3Page - Analog Devices AD8613AUJZ-R2 Datasheet HTML 4Page - Analog Devices AD8613AUJZ-R2 Datasheet HTML 5Page - Analog Devices AD8613AUJZ-R2 Datasheet HTML 6Page - Analog Devices AD8613AUJZ-R2 Datasheet HTML 7Page - Analog Devices AD8613AUJZ-R2 Datasheet HTML 8Page - Analog Devices AD8613AUJZ-R2 Datasheet HTML 9Page - Analog Devices AD8613AUJZ-R2 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
AD8613/AD8617/AD8619
Data Sheet
Rev. H | Page 6 of 16
TYPICAL PERFORMANCE CHARACTERISTICS
VSY = 5 V or ±2.5 V, unless otherwise noted.
Figure 5. Input Offset Voltage Distribution
Figure 6. Input Offset Voltage Drift Distribution
Figure 7. Input Offset Voltage vs. Input Common-Mode Voltage
Figure 8. Input Bias Current vs. Temperature
Figure 9. Supply Current vs. Supply Voltage
Figure 10. Supply Current vs. Temperature
1800
0
INPUT OFFSET VOLTAGE (µV)
1600
1400
1200
1000
800
600
400
200
VSY = 5.5V
–0.5V < VCM < +5.5V
TA = 25°C
40
0
010
TCVOS (µV/°C)
35
30
25
20
15
10
5
123456789
–40°C < TA < 125°C
VCM = 2.5V
2000
–2000
–0.5
5.5
INPUT COMMON MODE VOLTAGE (V)
1500
1000
500
0
–500
–1000
–1500
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
VSY = 5V
TA = 25°C
400
0
25
150
TEMPERATURE (°C)
350
300
250
200
150
100
50
50
75
100
125
VSY = 5V AND 1.8V
50
0
05
SUPPLY VOLTAGE (V)
TA = 25°C
40
30
20
10
12
3
50
0
–40
TEMPERATURE (°C)
40
30
20
10
–10
205080
110
VSY = ±2.5V, ±1.35V, ±0.9V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com