Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8661ACPZ-R2 Datasheet(PDF) 10 Page - Analog Devices

Part # AD8661ACPZ-R2
Description  Low Noise, Precision 16 V CMOS, Rail-to-Rail Operational Amplifiers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8661ACPZ-R2 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD8661ACPZ-R2 Datasheet HTML 6Page - Analog Devices AD8661ACPZ-R2 Datasheet HTML 7Page - Analog Devices AD8661ACPZ-R2 Datasheet HTML 8Page - Analog Devices AD8661ACPZ-R2 Datasheet HTML 9Page - Analog Devices AD8661ACPZ-R2 Datasheet HTML 10Page - Analog Devices AD8661ACPZ-R2 Datasheet HTML 11Page - Analog Devices AD8661ACPZ-R2 Datasheet HTML 12Page - Analog Devices AD8661ACPZ-R2 Datasheet HTML 13Page - Analog Devices AD8661ACPZ-R2 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
AD8661/AD8662/AD8664
Data Sheet
Rev. E | Page 10 of 16
TEMPERATURE (°C)
–40
0
1.8
120
100
80
40
60
20
0
–20
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
VS = 5V
VS = 16V
Figure 19. Supply Current vs. Temperature
VS (V)
0
0
1400
1200
1000
800
600
400
200
18
16
14
12
10
8
6
4
2
Figure 20. Supply Current vs. Supply Voltage
(Dual-Supply Configuration), TA = 25°C
TIME (1s/DIV)
–2.0
–1.5
–1.0
–0.5
0
0.5
1.0
1.5
2.0
VS = ±2.5V AND ±8V
Figure 21. 0.1 Hz to 10 Hz Input Voltage Noise
TIME (0.5µs/DIV)
–100
–80
–60
–40
–20
0
20
40
60
80
100
VS = 5V AND 16V
VIN = 100mV
CL = 200pF
G = +1
Figure 22. Small Signal Transient Response
TIME (2µs/DIV)
–8
–6
–4
–2
8
6
4
2
0
VS = 16V
CL = 200pF
Figure 23. Large Signal Transient Response
TIME (5µs/DIV)
–8V
0V
0V
100mV
VIN
VO
VS = 16V
G = –100
Figure 24. Positive Overload Recovery



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com