Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DDA-SJS-T2 Datasheet(PDF) 3 Page - DOMINANT Semiconductors

Part # DDA-SJS-T2
Description  LED AlInGaP
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DOMINANT [DOMINANT Semiconductors]
Direct Link  http://www.dominant-semi.com
Logo DOMINANT - DOMINANT Semiconductors

DDA-SJS-T2 Datasheet(HTML) 3 Page - DOMINANT Semiconductors

  DDA-SJS-T2 Datasheet HTML 1Page - DOMINANT Semiconductors DDA-SJS-T2 Datasheet HTML 2Page - DOMINANT Semiconductors DDA-SJS-T2 Datasheet HTML 3Page - DOMINANT Semiconductors DDA-SJS-T2 Datasheet HTML 4Page - DOMINANT Semiconductors DDA-SJS-T2 Datasheet HTML 5Page - DOMINANT Semiconductors DDA-SJS-T2 Datasheet HTML 6Page - DOMINANT Semiconductors DDA-SJS-T2 Datasheet HTML 7Page - DOMINANT Semiconductors DDA-SJS-T2 Datasheet HTML 8Page - DOMINANT Semiconductors DDA-SJS-T2 Datasheet HTML 9Page - DOMINANT Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
07/06/2007 V10.0
3
DDO-CJS-RS2-1
• DDO-CJS-R1
• DDO-CJS-R2
• DDO-CJS-S1
• DDO-CJS-S2
DDO-SJS-ST2-1
• DD0-SJS-S1
• DD0-SJS-S2
• DD0-SJS-T1
• DD0-SJS-T2
DDY-CJS-RS2-1
• DDY-CJS-R1
• DDY-CJS-R2
• DDY-CJS-S1
• DDY-CJS-S2
DDY-SJS-ST2-1
• DDY-SJS-S1
• DDY-SJS-S2
• DDY-SJS-T1
• DDY-SJS-T2
DDY-TJS-TU2-1
• DDY-TJS-T1
• DDY-TJS-T2
• DDY-TJS-U1
• DDY-TJS-U2
DDG-CJS-PQ2-1
• DDG-CJS-P1
• DDG-CJS-P2
• DDG-CJS-Q1
• DDG-CJS-Q2
DDG-SJS-QR2-1
• DDG-SJS-Q1
• DDG-SJS-Q2
• DDG-SJS-R1
• DDG-SJS-R2
DDP-SJS-LM2-1
• DDP-SJS-L1
• DDP-SJS-L2
• DDP-SJS-M1
• DDP-SJS-M2
AllnGap
Orange, 605nm
AllnGap
Yellow, 587nm
TS AllnGaP
Yellow, 590nm
AllnGap
Green, 572nm
AllnGap
Pure Green, 560nm
120
120
120
120
120
112.5 - 285.0
112.5 - 140.0
140.0 - 180.0
180.0 - 224.0
224.0 - 285.0
180.0 - 450.0
180.0 - 224.0
224.0 - 285.0
285.0 - 355.0
355.0 - 450.0
112.5 - 285.0
112.5 - 140.0
140.0 - 180.0
180.0 - 224.0
224.0 - 285.0
180.0 - 450.0
180.0 - 224.0
224.0 - 285.0
285.0 - 355.0
355.0 - 450.0
285.0 - 715.0
285.0 - 355.0
355.0 - 450.0
450.0 - 560.0
560.0 - 715.0
45.0 - 112.5
45.0 - 56.0
56.0 - 71.5
71.5 - 90.0
90.0 - 112.5
71.5 - 180.0
71.5 - 90.0
90.0 - 112.5
112.5 -140.0
140.0 - 180.0
11.2 - 28.5
11.2 - 14.0
14.0 - 18.0
18.0 - 22.4
22.4 - 28.5
Part Ordering
Number
Chip Technology
/ Color
Viewing
Angle˚
Luminous Intensity @
IF = 20mA IV (mcd)
AllnGap : DDx-xJS
DOMINANT TM
Semiconductors
Innovating Illumination



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com