Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSPIC33FJ32GP202 Datasheet(PDF) 21 Page - Microchip Technology

Part # DSPIC33FJ32GP202
Description  High-Performance, 16-Bit Microcontrollers
PDF  252 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33FJ32GP202 Datasheet(HTML) 21 Page - Microchip Technology

Back Button DSPIC33FJ32GP202 Datasheet HTML 17Page - Microchip Technology DSPIC33FJ32GP202 Datasheet HTML 18Page - Microchip Technology DSPIC33FJ32GP202 Datasheet HTML 19Page - Microchip Technology DSPIC33FJ32GP202 Datasheet HTML 20Page - Microchip Technology DSPIC33FJ32GP202 Datasheet HTML 21Page - Microchip Technology DSPIC33FJ32GP202 Datasheet HTML 22Page - Microchip Technology DSPIC33FJ32GP202 Datasheet HTML 23Page - Microchip Technology DSPIC33FJ32GP202 Datasheet HTML 24Page - Microchip Technology DSPIC33FJ32GP202 Datasheet HTML 25Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 252 page
background image
© 2007 Microchip Technology Inc.
Preliminary
DS70290A-page 19
dsPIC33FJ32GP202/204 and dsPIC33FJ16GP304
2.5
Arithmetic Logic Unit (ALU)
The
dsPIC33FJ32GP202/204
and
dsPIC33FJ16GP304 ALU is 16 bits wide and is capa-
ble of addition, subtraction, bit shifts and logic opera-
tions.
Unless
otherwise
mentioned,
arithmetic
operations are 2’s complement in nature. Depending
on the operation, the ALU can affect the values of the
Carry (C), Zero (Z), Negative (N), Overflow (OV) and
Digit Carry (DC) Status bits in the SR register. The C
and DC Status bits operate as Borrow and Digit Borrow
bits, respectively, for subtraction operations.
The ALU can perform 8-bit or 16-bit operations,
depending on the mode of the instruction that is used.
Data for the ALU operation can come from the W
register array or data memory, depending on the
addressing mode of the instruction. Likewise, output
data from the ALU can be written to the W register array
or a data memory location.
The
dsPIC33FJ32GP202/204
and
dsPIC33FJ16GP304 CPU incorporates hardware sup-
port for both multiplication and division. This includes a
dedicated hardware multiplier and support hardware
for 16-bit-divisor division.
Refer to the “dsPIC30F/33F Programmer’s Reference
Manual” (DS70157) for information on the SR bits
affected by each instruction.
2.5.1
MULTIPLIER
Using the high-speed 17-bit x 17-bit multiplier of the DSP
engine, the ALU supports unsigned, signed or mixed-sign
operation in several MCU multiplication modes:
• 16-bit x 16-bit signed
• 16-bit x 16-bit unsigned
• 16-bit signed x 5-bit (literal) unsigned
• 16-bit unsigned x 16-bit unsigned
• 16-bit unsigned x 5-bit (literal) unsigned
• 16-bit unsigned x 16-bit signed
• 8-bit unsigned x 8-bit unsigned
2.5.2
DIVIDER
The divide block supports 32-bit/16-bit and 16-bit/16-bit
signed and unsigned integer divide operations with the
following data sizes:
1.
32-bit signed/16-bit signed divide
2.
32-bit unsigned/16-bit unsigned divide
3.
16-bit signed/16-bit signed divide
4.
16-bit unsigned/16-bit unsigned divide
The quotient for all divide instructions ends up in W0
and the remainder in W1. 16-bit signed and unsigned
DIV instructions can specify any W register for both the
16-bit divisor (Wn) and any W register (aligned) pair
(W(m+1):Wm) for the 32-bit dividend. The divide
algorithm takes one cycle per bit of divisor, so both
32-bit/16-bit and 16-bit/16-bit instructions take the
same number of cycles to execute.
2.6
DSP Engine
The DSP engine consists of a high-speed 17-bit x
17-bit multiplier, a barrel shifter and a 40-bit
adder/subtracter (with two target accumulators, round
and saturation logic).
The dsPIC33FJ32GP202/204 and dsPIC33FJ16GP304
is a single-cycle instruction flow architecture; therefore,
concurrent operation of the DSP engine with MCU
instruction flow is not possible. However, some MCU
ALU and DSP engine resources can be used concur-
rently by the same instruction (e.g., ED, EDAC).
The DSP engine can also perform accumula-
tor-to-accumulator operations that require no additional
data. These instructions are ADD, SUB and NEG.
The DSP engine has options selected through bits in
the CPU Core Control register (CORCON), as listed
below:
• Fractional or integer DSP multiply (IF)
• Signed or unsigned DSP multiply (US)
• Conventional or convergent rounding (RND)
• Automatic saturation on/off for AccA (SATA),
AccB (SATB) and writes to data memory
(SATDW)
• Accumulator Saturation mode selection
(ACCSAT)
A block diagram of the DSP engine is shown in
Figure 2-3.
TABLE 2-1:
DSP INSTRUCTIONS SUMMARY
Instruction
Algebraic Operation
ACC Write Back
CLR
A = 0
Yes
ED
A = (x – y)2
No
EDAC
A = A + (x – y)2
No
MAC
A = A + (x * y)
Yes
MAC
A = A + x2
No
MOVSAC
No change in A
Yes
MPY
A = x * y
No
MPY
A = x 2
No
MPY.N
A = – x * y
No
MSC
A = A – x * y
Yes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com