Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8677AUJZ-R2 Datasheet(PDF) 6 Page - Analog Devices

Part # AD8677AUJZ-R2
Description  130 μV Maximum Offset Voltage Op Amp in TSOT
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8677AUJZ-R2 Datasheet(HTML) 6 Page - Analog Devices

Back Button AD8677AUJZ-R2 Datasheet HTML 2Page - Analog Devices AD8677AUJZ-R2 Datasheet HTML 3Page - Analog Devices AD8677AUJZ-R2 Datasheet HTML 4Page - Analog Devices AD8677AUJZ-R2 Datasheet HTML 5Page - Analog Devices AD8677AUJZ-R2 Datasheet HTML 6Page - Analog Devices AD8677AUJZ-R2 Datasheet HTML 7Page - Analog Devices AD8677AUJZ-R2 Datasheet HTML 8Page - Analog Devices AD8677AUJZ-R2 Datasheet HTML 9Page - Analog Devices AD8677AUJZ-R2 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
AD8677
Rev. A | Page 6 of 16
TYPICAL PERFORMANCE CHARACTERISTICS
50
0
5
10
15
20
25
30
35
40
45
–100 –80 –60 –40 –20
0
20
40
60
80
100
VOS (µV)
VS = ±15V
Figure 3. Input Offset Voltage Distribution
40
0
5
10
15
20
25
30
35
–100 –80
–60
–40
–20
0
20
40
60
80
100
VOS (µV)
VS = ±5V
Figure 4. Input Offset Voltage Distribution
50
40
30
20
10
0
01
0.90
0.75
0.60
0.45
0.30
0.15
TCVOS (µV/°C)
.05
VS = ±5V
Figure 5. TCVOS vs. Number of Amplifiers
45
40
35
30
25
20
15
10
5
0
01
1.05
0.90
0.75
0.60
0.45
0.30
0.15
TCVOS (µV/°C)
.20
VS = ±15V
Figure 6. TCVOS vs. Number of Amplifiers
200
–200
–150
–100
–50
0
50
100
150
–50
0
50
100
150
TEMPERATURE (°C)
VS = ±15V
Figure 7. Offset Voltage vs. Temperature
200
–200
–150
–100
–50
0
50
100
150
–50
0
50
100
150
TEMPERATURE (°C)
VS = ±5V
Figure 8. Offset Voltage vs. Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com