Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8682ARMZ-R2 Datasheet(PDF) 1 Page - Analog Devices

Part # AD8682ARMZ-R2
Description  Dual/Quad Low Power, High Speed JFET Operational Amplifiers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8682ARMZ-R2 Datasheet(HTML) 1 Page - Analog Devices

  AD8682ARMZ-R2 Datasheet HTML 1Page - Analog Devices AD8682ARMZ-R2 Datasheet HTML 2Page - Analog Devices AD8682ARMZ-R2 Datasheet HTML 3Page - Analog Devices AD8682ARMZ-R2 Datasheet HTML 4Page - Analog Devices AD8682ARMZ-R2 Datasheet HTML 5Page - Analog Devices AD8682ARMZ-R2 Datasheet HTML 6Page - Analog Devices AD8682ARMZ-R2 Datasheet HTML 7Page - Analog Devices AD8682ARMZ-R2 Datasheet HTML 8Page - Analog Devices AD8682ARMZ-R2 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
Dual/Quad Low Power, High Speed
JFET Operational Amplifiers
AD8682/AD8684
Rev. B
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringementsof patentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2006–2008 Analog Devices, Inc. All rights reserved.
FEATURES
Low supply current: 250 μA/amp maximum
High slew rate: 9 V/μs
Bandwidth: 3.5 MHz typical
Low offset voltage: 1 mV maximum @ 25°C
Low input bias current: 20 pA maximum @ 25°C
CMRR: 90 dB typical
Fast settling time
Unity-gain stable
APPLICATIONS
Portable telecommunications
Low power industrial and instrumentation
Loop filters
Active and precision filters
Integrators
Strain gauge amplifiers
Portable medical instrumentation
Supply current monitoring
PIN CONFIGURATIONS
OUT A 1
–IN A 2
+IN A 3
V– 4
V+
8
OUT B
7
–IN B
6
+IN B
5
AD8682
TOP VIEW
(Not to Scale)
Figure 1. 8-Lead SOIC_N and 8-Lead MSOP
OUT A 1
–IN A 2
+IN A 3
V+ 4
OUT D
14
–IN D
13
+IN D
12
V–
11
+IN B 5
+IN C
10
–IN B 6
–IN C
9
OUT B 7
OUT C
8
AD8684
TOP VIEW
(Not to Scale)
Figure 2. 14-Lead SOIC_N and 14-Lead TSSOP
GENERAL DESCRIPTION
The AD8682 and AD8684 are dual and quad low power, precision
(1 mV) JFET amplifiers featuring excellent speed at low supply
currents. The slew rate is typically 9 V/μs with a supply current
under 250 μA per amplifier. These unity-gain stable amplifiers
have a typical gain bandwidth of 3.5 MHz. The JFET input stage
ensures bias current is typically a few picoamps and below
125 pA maximum over the full temperature operating range.
The devices are ideal for portable, low power applications,
especially with high source impedance. The devices are unity-gain
stable and can drive higher capacity loads (G = 1, noninverting),
as an example of their excellent dynamic response over a wide
range of conditions, delivering dc precision performance at low
quiescent currents.


Similar Part No. - AD8682ARMZ-R2

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8682ARMZ-R2 AD-AD8682ARMZ-R2 Datasheet
327Kb / 16P
Dual/Quad Low Power, High Speed JFET Operational Amplifiers
10/06-Revision 0
AD8682ARMZ-R2 AD-AD8682ARMZ-R2 Datasheet
318Kb / 16P
Dual/Quad Low Power, High Speed JFET Operational Amplifiers
REV. A
More results

Similar Description - AD8682ARMZ-R2

ManufacturerPart #DatasheetDescription
logo
Analog Devices
OP282 AD-OP282 Datasheet
260Kb / 12P
Dual/Quad Low Power, High Speed JFET Operational Amplifiers
REV.B
AD8682 AD-AD8682 Datasheet
327Kb / 16P
Dual/Quad Low Power, High Speed JFET Operational Amplifiers
10/06-Revision 0
logo
Texas Instruments
TLE2082 TI-TLE2082 Datasheet
992Kb / 37P
EXCALIBUR HIGH-SPEED JFET-INPUT DUAL OPERATIONAL AMPLIFIERS
TLE2072 TI-TLE2072 Datasheet
986Kb / 37P
EXCALIBUR LOW-NOISE HIGH-SPEED JFET-INPUT DUAL OPERATIONAL AMPLIFIERS
logo
Analog Devices
OP282 AD-OP282_04 Datasheet
340Kb / 16P
Dual/Quad Low Power, High Speed JFET Operational Amplifiers
Rev. F
AD8682 AD-AD8682_07 Datasheet
318Kb / 16P
Dual/Quad Low Power, High Speed JFET Operational Amplifiers
REV. A
logo
STMicroelectronics
TL062CDT STMICROELECTRONICS-TL062CDT Datasheet
866Kb / 15P
Low-power JFET dual operational amplifiers
21-Sep-2012
logo
Analog Devices
OP282ARMZ AD-OP282ARMZ Datasheet
317Kb / 16P
Dual/Quad, Low Power, High Speed JFET Operational Amplifiers
Rev. I
logo
STMicroelectronics
TL062ACDT STMICROELECTRONICS-TL062ACDT Datasheet
866Kb / 15P
Low-power JFET dual operational amplifiers
21-Sep-2012
TL062IDT STMICROELECTRONICS-TL062IDT Datasheet
866Kb / 15P
Low-power JFET dual operational amplifiers
21-Sep-2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com