Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8619WARUZ-R7 Datasheet(PDF) 10 Page - Analog Devices

Part # AD8619WARUZ-R7
Description  Low Cost Micropower, Low Noise CMOS Rail-to-Rail, Input/Output Operational Amplifiers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8619WARUZ-R7 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD8619WARUZ-R7 Datasheet HTML 6Page - Analog Devices AD8619WARUZ-R7 Datasheet HTML 7Page - Analog Devices AD8619WARUZ-R7 Datasheet HTML 8Page - Analog Devices AD8619WARUZ-R7 Datasheet HTML 9Page - Analog Devices AD8619WARUZ-R7 Datasheet HTML 10Page - Analog Devices AD8619WARUZ-R7 Datasheet HTML 11Page - Analog Devices AD8619WARUZ-R7 Datasheet HTML 12Page - Analog Devices AD8619WARUZ-R7 Datasheet HTML 13Page - Analog Devices AD8619WARUZ-R7 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
AD8613/AD8617/AD8619
Data Sheet
Rev. H | Page 10 of 16
VSY = 1.8 V or ±0.9 V, unless otherwise noted.
Figure 27. Input Offset Voltage Distribution
Figure 28. Input Offset Voltage vs. Input Common-Mode Voltage
Figure 29. Output Voltage to Supply Rail vs. Load Current
Figure 30. Output Voltage to Supply Rail vs. Temperature
(IL = 1 mA)
Figure 31. CMRR vs. Frequency
Figure 32. PSRR vs. Frequency
450
0
INPUT OFFSET VOLTAGE (µV)
400
350
300
250
200
150
100
50
VSY = 1.8V
0V < VCM < 1.8V
TA = 25°C
2000
–2000
–0.5
INPUT COMMON-MODE VOLTAGE (V)
2.2
1500
–1500
–1000
–500
0
500
1000
–0.2
0.1
0.4
0.7
1.0
1.3
1.6
1.9
VSY = 1.8V
TA = 25°C
1000
0.01
0.001
10
LOAD CURRENT (mA)
0.01
0.1
1
0.1
1
10
100
VSY–VOH
SOURCE
VSY = 1.8V
TA = 25°C
SINK
VOL
80
0
–40
125
TEMPERATURE (°C)
60
40
20
–25 –10
5
20
35
50
65
80
95
110
VSY = 1.8V
VSY–VOH @ 1mA
VOH @ 1mA
100
0
100
1M
FREQUENCY (Hz)
20
40
60
80
1k
10k
100k
VSY = 1.8V
TA = 25°C
120
0
100
1M
FREQUENCY (Hz)
20
40
60
80
100
1k
10k
VSY = 1.8V
TA = 25°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com