Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8691WAUJZ-R7 Datasheet(PDF) 5 Page - Analog Devices

Part # AD8691WAUJZ-R7
Description  Low Cost, Low Noise, CMOS, RRO Operational Amplifiers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8691WAUJZ-R7 Datasheet(HTML) 5 Page - Analog Devices

  AD8691WAUJZ-R7 Datasheet HTML 1Page - Analog Devices AD8691WAUJZ-R7 Datasheet HTML 2Page - Analog Devices AD8691WAUJZ-R7 Datasheet HTML 3Page - Analog Devices AD8691WAUJZ-R7 Datasheet HTML 4Page - Analog Devices AD8691WAUJZ-R7 Datasheet HTML 5Page - Analog Devices AD8691WAUJZ-R7 Datasheet HTML 6Page - Analog Devices AD8691WAUJZ-R7 Datasheet HTML 7Page - Analog Devices AD8691WAUJZ-R7 Datasheet HTML 8Page - Analog Devices AD8691WAUJZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
Data Sheet
AD8691/AD8692/AD8694
Rev. F | Page 5 of 16
ABSOLUTE MAXIMUM RATINGS
TA = 25°C, unless otherwise noted.
Table 3.
Parameter
Rating
Supply Voltage
6 V
Input Voltage
VSS − 0.3 V to VDD + 0.3 V
Differential Input Voltage
±6 V
Output Short-Circuit Duration
to GND
Observe derating curves
Storage Temperature Range
−65°C to +150°C
Operating Temperature Range
−40°C to +125°C
Junction Temperature Range
−65°C to +150°C
Lead Temperature
(Soldering, 60 sec)
300°C
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
THERMAL CHARACTERISTICS
θJA is specified for the worst-case conditions, that is, the device
soldered in the circuit board for surface-mount packages.
Table 4. Thermal Resistance
Package Type
θJA
θJC
Unit
8-Lead MSOP (RM-8)
210
45
°C/W
8-Lead SOIC (R-8)
158
43
°C/W
5-Lead TSOT (UJ-5)
207
61
°C/W
5-Lead SC70 (KS-5)
376
126
°C/W
14-Lead TSSOP (RU-14)
180
35
°C/W
14-Lead SOIC (R-14)
120
36
°C/W
ESD CAUTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com