Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4899-1YCPZ-R7 Datasheet(PDF) 18 Page - Analog Devices

Part # ADA4899-1YCPZ-R7
Description  Unity-Gain Stable, Ultralow Distortion, 1 nV/Hz Voltage Noise, High Speed Op Amp
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4899-1YCPZ-R7 Datasheet(HTML) 18 Page - Analog Devices

Back Button ADA4899-1YCPZ-R7 Datasheet HTML 12Page - Analog Devices ADA4899-1YCPZ-R7 Datasheet HTML 13Page - Analog Devices ADA4899-1YCPZ-R7 Datasheet HTML 14Page - Analog Devices ADA4899-1YCPZ-R7 Datasheet HTML 15Page - Analog Devices ADA4899-1YCPZ-R7 Datasheet HTML 16Page - Analog Devices ADA4899-1YCPZ-R7 Datasheet HTML 17Page - Analog Devices ADA4899-1YCPZ-R7 Datasheet HTML 18Page - Analog Devices ADA4899-1YCPZ-R7 Datasheet HTML 19Page - Analog Devices ADA4899-1YCPZ-R7 Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 18 / 20 page
background image
ADA4899-1
Data Sheet
Rev. C | Page 18 of 20
OUTLINE DIMENSIONS
COMPLIANT TO JEDEC STANDARDS MS-012-A A
1.27
0.40
1.75
1.35
2.29
2.29
0.356
0.457
4.00
3.90
3.80
6.20
6.00
5.80
5.00
4.90
4.80
0.10 MAX
0.05 NOM
3.81 REF
0.25
0.17
0.50
0.25
45°
COPLANARITY
0.10
1.04 REF
8
1
4
5
1.27 BSC
SEATING
PLANE
FOR PROPER CONNECTION OF
THE EXPOSED PAD, REFER TO
THE PIN CONFIGURATION AND
FUNCTION DESCRIPTIONS
SECTION OF THIS DATA SHEET.
BOTTOM VIEW
TOP VIEW
0.51
0.31
1.65
1.25
Figure 53. 8-Lead Standard Small Outline Package with Exposed Pad [SOIC_N_EP]
(RD-8-1)
Dimensions shown in millimeters
TOP VIEW
8
1
5
4
0.30
0.25
0.20
BOTTOM VIEW
PIN 1 INDEX
AREA
SEATING
PLANE
0.80
0.75
0.70
1.55
1.45
1.35
1.84
1.74
1.64
0.203 REF
0.05 MAX
0.02 NOM
0.50 BSC
EXPOSED
PAD
3.10
3.00 SQ
2.90
FOR PROPER CONNECTION OF
THE EXPOSED PAD, REFER TO
THE PIN CONFIGURATION AND
FUNCTION DESCRIPTIONS
SECTION OF THIS DATA SHEET.
COPLANARITY
0.08
0.50
0.40
0.30
COMPLIANT
TO JEDEC STANDARDS MO-229-WEED
PIN 1
INDICATOR
(R 0.15)
Figure 54. 8-Lead Lead Frame Chip Scale Package [LFCSP]
3 mm × 3 mm Body and 0.75 mm Package Height
(CP-8-13)
Dimensions shown in millimeters
ORDERING GUIDE
Model1
Temperature Range
Package Description
Package Option
Branding
Ordering Quantity
ADA4899-1YRDZ
–40°C to +125°C
8-Lead SOIC_N_EP
RD-8-1
1
ADA4899-1YRDZ-R7
–40°C to +125°C
8-Lead SOIC_N_EP
RD-8-1
1,000
ADA4899-1YRDZ-RL
–40°C to +125°C
8-Lead SOIC_N_EP
RD-8-1
2,500
ADA4899-1YCPZ-R2
–40°C to +125°C
8-Lead LFCSP
CP-8-13
250
ADA4899-1YCPZ-R7
–40°C to +125°C
8-Lead LFCSP
CP-8-13
HBC
1,500
ADA4899-1YCPZ-RL
–40°C to +125°C
8-Lead LFCSP
CP-8-13
HBC
5,000
1
Z = RoHS Compliant Part.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com