Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4000-2ARZ-R7 Datasheet(PDF) 6 Page - Analog Devices

Part # ADA4000-2ARZ-R7
Description  Low Cost, Precision JFET Input Operational Amplifiers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4000-2ARZ-R7 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADA4000-2ARZ-R7 Datasheet HTML 2Page - Analog Devices ADA4000-2ARZ-R7 Datasheet HTML 3Page - Analog Devices ADA4000-2ARZ-R7 Datasheet HTML 4Page - Analog Devices ADA4000-2ARZ-R7 Datasheet HTML 5Page - Analog Devices ADA4000-2ARZ-R7 Datasheet HTML 6Page - Analog Devices ADA4000-2ARZ-R7 Datasheet HTML 7Page - Analog Devices ADA4000-2ARZ-R7 Datasheet HTML 8Page - Analog Devices ADA4000-2ARZ-R7 Datasheet HTML 9Page - Analog Devices ADA4000-2ARZ-R7 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
ADA4000-1/ADA4000-2/ADA4000-4
Data Sheet
Rev. B | Page 6 of 16
TYPICAL PERFORMANCE CHARACTERISTICS
50
45
40
35
30
25
20
15
10
5
0
–2.0
–1.5
–1.0
–0.5
0
0.5
1.0
1.5
2.0
OFFSET VOLTAGE (mV)
VS = ±15V
TA = 25°C
VCM = 0V
Figure 7. Input Offset Voltage Distribution, VS = ±15 V
4
2
0
6
8
10
12
14
16
18
0
2
4
6
8
10
12
14
16
18
20
TCVOS (µV/°C)
VS = ±15V
Figure 8. Offset Voltage Drift Distribution, VS = ±15 V
80
–20
1k
100M
FREQUENCY (Hz)
0
20
40
60
180
–45
0
45
90
135
10k
100k
1M
10M
VS = ±15V
TA = 25°C
CL = 35pF
60°
Figure 9. Open-Loop Gain and Phase Margin vs. Frequency, VS = ±15 V
50
45
40
35
30
25
20
15
10
5
0
–2.0
–1.5
–1.0
–0.5
0
0.5
1.0
1.5
2.0
OFFSET VOLTAGE (mV)
VS = ±5V
TA = 25°C
VCM = 0V
Figure 10. Input Offset Voltage Distribution, VS = ±5 V
4
2
0
6
8
10
12
14
0
2
4
6
8
10
12
14
16
18
20
TCVOS (µV/°C)
VS = ±5V
Figure 11. Offset Voltage Drift Distribution, VS = ±5 V
80
–20
1k
100M
FREQUENCY (Hz)
0
20
40
60
180
–45
0
45
90
135
10k
100k
1M
10M
VS = ±5V
TA = 25°C
CL = 35pF
55°
Figure 12. Open-Loop Gain and Phase Margin vs. Frequency, VS = ±5 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com