Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OP295GS Datasheet(PDF) 2 Page - Analog Devices

Part # OP295GS
Description  Dual/Quad Rail-to-Rail Operational Amplifiers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP295GS Datasheet(HTML) 2 Page - Analog Devices

  OP295GS Datasheet HTML 1Page - Analog Devices OP295GS Datasheet HTML 2Page - Analog Devices OP295GS Datasheet HTML 3Page - Analog Devices OP295GS Datasheet HTML 4Page - Analog Devices OP295GS Datasheet HTML 5Page - Analog Devices OP295GS Datasheet HTML 6Page - Analog Devices OP295GS Datasheet HTML 7Page - Analog Devices OP295GS Datasheet HTML 8Page - Analog Devices OP295GS Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
OP295/OP495
Rev. G | Page 2 of 16
TABLE OF CONTENTS
Features .............................................................................................. 1
Applications....................................................................................... 1
General Description ......................................................................... 1
Pin Configurations ........................................................................... 1
Revision History ............................................................................... 2
Specifications..................................................................................... 3
Electrical Characteristics............................................................. 3
Absolute Maximum Ratings............................................................ 5
Thermal Resistance ...................................................................... 5
ESD Caution.................................................................................. 5
Typical Performance Characteristics ............................................. 6
Applications....................................................................................... 9
Rail-to-Rail Application Information........................................ 9
Low Drop-Out Reference ............................................................ 9
Low Noise, Single-Supply Preamplifier ..................................... 9
Driving Heavy Loads ................................................................. 10
Direct Access Arrangement ...................................................... 10
Single-Supply Instrumentation Amplifier .............................. 10
Single-Supply RTD Thermometer Amplifier ......................... 11
Cold Junction Compensated, Battery-Powered
Thermocouple Amplifier .......................................................... 11
5 V Only, 12-Bit DAC That Swings 0 V to 4.095 V.................... 11
4 mA to 20 mA Current-Loop Transmitter ............................ 12
3 V Low Dropout Linear Voltage Regulator............................. 12
Low Dropout, 500 mA Voltage Regulator with Foldback
Current Limiting ........................................................................ 12
Square Wave Oscillator.............................................................. 13
Single-Supply Differential Speaker Driver.............................. 13
High Accuracy, Single-Supply, Low Power Comparator ...... 13
Outline Dimensions ....................................................................... 14
Ordering Guide .......................................................................... 16
REVISION HISTORY
8/09—Rev. F to Rev. G
Added Figure 18................................................................................ 8
Updated Outline Dimensions ....................................................... 17
3/08—Rev. E to Rev. F
Changes to Offset Voltage Unit in Table 1 .................................... 3
Updated Outline Dimensions ....................................................... 14
Changes to Ordering Guide .......................................................... 16
5/06—Rev. D to Rev. E
Updated Format..................................................................Universal
Changes to Features.......................................................................... 1
Changes to Pin Connections........................................................... 1
Updated Outline Dimensions ....................................................... 14
Changes to Ordering Guide .......................................................... 15
2/04—Rev. C to Rev. D
Changes to General Description .................................................... 1
Changes to Specifications ................................................................ 2
Changes to Absolute Maximum Ratings ....................................... 4
Changes to Ordering Guide ............................................................ 4
Updated Outline Dimensions ....................................................... 12
3/02—Rev. B to Rev. C
Figure changes to Pin Connections ................................................1
Deleted OP295GBC and OP495GBC from Ordering Guide ......3
Deleted Wafer Test Limits Table......................................................3
Changes to Absolute Maximum Ratings........................................4
Deleted Dice Characteristics............................................................4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com