Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSPIC30F2012AT30E/P Datasheet(PDF) 149 Page - Microchip Technology

Part # DSPIC30F2012AT30E/P
Description  High-Performance, 16-Bit Digital Signal Controllers
PDF  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC30F2012AT30E/P Datasheet(HTML) 149 Page - Microchip Technology

Back Button DSPIC30F2012AT30E/P Datasheet HTML 145Page - Microchip Technology DSPIC30F2012AT30E/P Datasheet HTML 146Page - Microchip Technology DSPIC30F2012AT30E/P Datasheet HTML 147Page - Microchip Technology DSPIC30F2012AT30E/P Datasheet HTML 148Page - Microchip Technology DSPIC30F2012AT30E/P Datasheet HTML 149Page - Microchip Technology DSPIC30F2012AT30E/P Datasheet HTML 150Page - Microchip Technology DSPIC30F2012AT30E/P Datasheet HTML 151Page - Microchip Technology DSPIC30F2012AT30E/P Datasheet HTML 152Page - Microchip Technology DSPIC30F2012AT30E/P Datasheet HTML 153Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 149 / 205 page
background image
© 2006 Microchip Technology Inc.
DS70139E-page 147
dsPIC30F2011/2012/3012/3013
TABLE 20-5:
DC CHARACTERISTICS: OPERATING CURRENT (IDD)
DC CHARACTERISTICS
Standard Operating Conditions: 2.5V to 5.5V
(unless otherwise stated)
Operating temperature
-40°C
≤ TA ≤ +85°C for Industrial
-40°C
≤ TA ≤ +125°C for Extended
Parameter
No.
Typical(1)
Max
Units
Conditions
Operating Current (IDD)(2)
DC31a
1.6
3.0
mA
25°C
3.3V
0.128 MIPS
LPRC ( 512 kHz)
DC31b
1.6
3.0
mA
85°C
DC31c
1.6
3.0
mA
125°C
DC31e
3.6
6.0
mA
25°C
5V
DC31f
3.3
6.0
mA
85°C
DC31g
3.2
6.0
mA
125°C
DC30a
3.0
5.0
mA
25°C
3.3V
(1.8 MIPS)
FRC (7.37 MHz)
DC30b
3.0
5.0
mA
85°C
DC30c
3.1
5.0
mA
125°C
DC30e
6.0
9.0
mA
25°C
5V
DC30f
5.8
9.0
mA
85°C
DC30g
5.7
9.0
mA
125°C
DC23a
9.0
15.0
mA
25°C
3.3V
4 MIPS
DC23b
10.0
15.0
mA
85°C
DC23c
10.0
15.0
mA
125°C
DC23e
16.0
24.0
mA
25°C
5V
DC23f
16.0
24.0
mA
85°C
DC23g
16.0
24.0
mA
125°C
DC24a
22.0
33.0
mA
25°C
3.3V
10 MIPS
DC24b
22.0
33.0
mA
85°C
DC24c
22.0
33.0
mA
125°C
DC24e
37.0
56.0
mA
25°C
5V
DC24f
37.0
56.0
mA
85°C
DC24g
37.0
56.0
mA
125°C
DC27a
41.0
60.0
mA
25°C
3.3V
20 MIPS
DC27b
40.0
60.0
mA
85°C
DC27d
68.0
90.0
mA
25°C
5V
DC27e
67.0
90.0
mA
85°C
DC27f
66.0
90.0
mA
125°C
DC29a
96.0
140.0
mA
25°C
5V
30 MIPS
DC29b
94.0
140.0
mA
85°C
Note 1:
Data in “Typical” column is at 5V, 25°C unless otherwise stated. Parameters are for design guidance only
and are not tested.
2:
The supply current is mainly a function of the operating voltage and frequency. Other factors such as I/O
pin loading and switching rate, oscillator type, internal code execution pattern and temperature also have
an impact on the current consumption. The test conditions for all IDD measurements are as follows: OSC1
driven with external square wave from rail to rail. All I/O pins are configured as Inputs and pulled to VDD.
MCLR = VDD, WDT, FSCM, LVD and BOR are disabled. CPU, SRAM, Program Memory and Data
Memory are operational. No peripheral modules are operating.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com