Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSPIC30F2012AT30E/P Datasheet(PDF) 152 Page - Microchip Technology

Part # DSPIC30F2012AT30E/P
Description  High-Performance, 16-Bit Digital Signal Controllers
PDF  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC30F2012AT30E/P Datasheet(HTML) 152 Page - Microchip Technology

Back Button DSPIC30F2012AT30E/P Datasheet HTML 148Page - Microchip Technology DSPIC30F2012AT30E/P Datasheet HTML 149Page - Microchip Technology DSPIC30F2012AT30E/P Datasheet HTML 150Page - Microchip Technology DSPIC30F2012AT30E/P Datasheet HTML 151Page - Microchip Technology DSPIC30F2012AT30E/P Datasheet HTML 152Page - Microchip Technology DSPIC30F2012AT30E/P Datasheet HTML 153Page - Microchip Technology DSPIC30F2012AT30E/P Datasheet HTML 154Page - Microchip Technology DSPIC30F2012AT30E/P Datasheet HTML 155Page - Microchip Technology DSPIC30F2012AT30E/P Datasheet HTML 156Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 152 / 205 page
background image
dsPIC30F2011/2012/3012/3013
DS70139E-page 150
© 2006 Microchip Technology Inc.
TABLE 20-8:
DC CHARACTERISTICS: I/O PIN INPUT SPECIFICATIONS
DC CHARACTERISTICS
Standard Operating Conditions: 2.5V to 5.5V
(unless otherwise stated)
Operating temperature
-40°C
≤ TA ≤ +85°C for Industrial
-40°C
≤ TA ≤ +125°C for Extended
Param
No.
Symbol
Characteristic
Min
Typ(1)
Max
Units
Conditions
VIL
Input Low Voltage(2)
DI10
I/O pins:
with Schmitt Trigger buffer
VSS
—0.2 VDD
V
DI15
MCLR
VSS
—0.2 VDD
V
DI16
OSC1 (in XT, HS and LP modes)
VSS
—0.2 VDD
V
DI17
OSC1 (in RC mode)(3)
VSS
—0.3 VDD
V
DI18
SDA, SCL
VSS
—0.3 VDD
V
SM bus disabled
DI19
SDA, SCL
VSS
—0.2 VDD
V
SM bus enabled
VIH
Input High Voltage(2)
DI20
I/O pins:
with Schmitt Trigger buffer
0.8 VDD
—VDD
V
DI25
MCLR
0.8 VDD
—VDD
V
DI26
OSC1 (in XT, HS and LP modes)
0.7 VDD
—VDD
V
DI27
OSC1 (in RC mode)(3)
0.9 VDD
—VDD
V
DI28
SDA, SCL
0.7 VDD
—VDD
V
SM bus disabled
DI29
SDA, SCL
0.8 VDD
—VDD
V
SM bus enabled
ICNPU
CNXX Pull-up Current(2)
DI30
50
250
400
μAVDD = 5V, VPIN = VSS
IIL
Input Leakage Current(2)(4)(5)
DI50
I/O ports
—
0.01
±1
μAVSS ≤ VPIN ≤ VDD,
Pin at high impedance
DI51
Analog input pins
—
0.50
—
μAVSS ≤ VPIN ≤ VDD,
Pin at high impedance
DI55
MCLR
—0.05
±5
μAVSS ≤ VPIN ≤ VDD
DI56
OSC1
—
0.05
±5
μAVSS ≤ VPIN ≤ VDD, XT, HS
and LP Osc mode
Note 1:
Data in “Typ” column is at 5V, 25°C unless otherwise stated. Parameters are for design guidance only and
are not tested.
2:
These parameters are characterized but not tested in manufacturing.
3:
In RC oscillator configuration, the OSC1/CLKl pin is a Schmitt Trigger input. It is not recommended that
the dsPIC30F device be driven with an external clock while in RC mode.
4:
The leakage current on the MCLR pin is strongly dependent on the applied voltage level. The specified
levels represent normal operating conditions. Higher leakage current may be measured at different input
voltages.
5:
Negative current is defined as current sourced by the pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com