Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16F887-E/MLSQTP Datasheet(PDF) 49 Page - Microchip Technology

Part # PIC16F887-E/MLSQTP
Description  28/40/44-Pin, Enhanced Flash-Based 8-Bit CMOS Microcontrollers with nanoWatt Technology
PDF  288 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F887-E/MLSQTP Datasheet(HTML) 49 Page - Microchip Technology

Back Button PIC16F887-E/MLSQTP Datasheet HTML 45Page - Microchip Technology PIC16F887-E/MLSQTP Datasheet HTML 46Page - Microchip Technology PIC16F887-E/MLSQTP Datasheet HTML 47Page - Microchip Technology PIC16F887-E/MLSQTP Datasheet HTML 48Page - Microchip Technology PIC16F887-E/MLSQTP Datasheet HTML 49Page - Microchip Technology PIC16F887-E/MLSQTP Datasheet HTML 50Page - Microchip Technology PIC16F887-E/MLSQTP Datasheet HTML 51Page - Microchip Technology PIC16F887-E/MLSQTP Datasheet HTML 52Page - Microchip Technology PIC16F887-E/MLSQTP Datasheet HTML 53Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 288 page
background image
© 2007 Microchip Technology Inc.
Preliminary
DS41291D-page 47
PIC16F882/883/884/886/887
3.3
PORTB and TRISB Registers
PORTB is an 8-bit wide, bidirectional port. The
corresponding
data
direction
register
is
TRISB
(Register 3-6). Setting a TRISB bit (= 1) will make the
corresponding PORTB pin an input (i.e., put the
corresponding output driver in a High-Impedance mode).
Clearing a TRISB bit (= 0) will make the corresponding
PORTB pin an output (i.e., enable the output driver and
put the contents of the output latch on the selected pin).
Example 3-3 shows how to initialize PORTB.
Reading the PORTB register (Register 3-5) reads the
status of the pins, whereas writing to it will write to the
PORT latch. All write operations are read-modify-write
operations. Therefore, a write to a port implies that the
port pins are read, this value is modified and then written
to the PORT data latch.
The TRISB register (Register 3-6) controls the PORTB
pin output drivers, even when they are being used as
analog inputs. The user should ensure the bits in the
TRISB register are maintained set when using them as
analog inputs. I/O pins configured as analog input always
read ‘0’. Example 3-3 shows how to initialize PORTB.
EXAMPLE 3-3:
INITIALIZING PORTB
3.4
Additional PORTB Pin Functions
PORTB pins RB<7:0> on the device family device have
an interrupt-on-change option and a weak pull-up
option. The following three sections describe these
PORTB pin functions.
Every PORTB pin on this device family has an
interrupt-on-change option and a weak pull-up option.
3.4.1
ANSELH REGISTER
The ANSELH register (Register 3-4) is used to
configure the Input mode of an I/O pin to analog.
Setting the appropriate ANSELH bit high will cause all
digital reads on the pin to be read as ‘0’ and allow
analog functions on the pin to operate correctly.
The state of the ANSELH bits has no affect on digital
output functions. A pin with TRIS clear and ANSELH
set will still operate as a digital output, but the Input
mode will be analog. This can cause unexpected
behavior
when
executing
read-modify-write
instructions on the affected port.
3.4.2
WEAK PULL-UPS
Each of the PORTB pins has an individually configurable
internal weak pull-up. Control bits WPUB<7:0> enable or
disable each pull-up (see Register 3-7). Each weak
pull-up is automatically turned off when the port pin is
configured as an output. All pull-ups are disabled on a
Power-on Reset by the RBPU bit of the OPTION register.
3.4.3
INTERRUPT-ON-CHANGE
All of the PORTB pins are individually configurable as an
interrupt-on-change pin. Control bits IOCB<7:0> enable
or disable the interrupt function for each pin. Refer to
Register 3-8.
The
interrupt-on-change
feature
is
disabled on a Power-on Reset.
For enabled interrupt-on-change pins, the present value
is compared with the old value latched on the last read
of PORTB to determine which bits have changed or
mismatched the old value. The ‘mismatch’ outputs of
the last read are OR’d together to set the PORTB
Change Interrupt flag bit (RBIF) in the INTCON register.
This interrupt can wake the device from Sleep. The user,
in the Interrupt Service Routine, clears the interrupt by:
a)
Any read or write of PORTB. This will end the
mismatch condition.
b)
Clear the flag bit RBIF.
A mismatch condition will continue to set flag bit RBIF.
Reading or writing PORTB will end the mismatch
condition and allow flag bit RBIF to be cleared. The latch
holding the last read value is not affected by a MCLR nor
Brown-out Reset. After these Resets, the RBIF flag will
continue to be set if a mismatch is present.
Note:
The ANSELH register must be initialized
to configure an analog channel as a digital
input. Pins configured as analog inputs will
read ‘0’.
BANKSEL PORTB
;
CLRF
PORTB
;Init PORTB
BANKSEL TRISB
;
MOVLW
B‘11110000’ ;Set RB<7:4> as inputs
;and RB<3:0> as outputs
MOVWF
TRISB
;
Note:
If a change on the I/O pin should occur when
the read operation is being executed (start of
the Q2 cycle), then the RBIF interrupt flag
may not get set. Furthermore, since a read
or write on a port affects all bits of that port,
care must be taken when using multiple pins
in Interrupt-on-Change mode. Changes on
one pin may not be seen while servicing
changes on another pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com