Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OP295GSZ Datasheet(PDF) 11 Page - Analog Devices

Part # OP295GSZ
Description  Dual/Quad Rail-to-Rail Operational Amplifiers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP295GSZ Datasheet(HTML) 11 Page - Analog Devices

Back Button OP295GSZ Datasheet HTML 7Page - Analog Devices OP295GSZ Datasheet HTML 8Page - Analog Devices OP295GSZ Datasheet HTML 9Page - Analog Devices OP295GSZ Datasheet HTML 10Page - Analog Devices OP295GSZ Datasheet HTML 11Page - Analog Devices OP295GSZ Datasheet HTML 12Page - Analog Devices OP295GSZ Datasheet HTML 13Page - Analog Devices OP295GSZ Datasheet HTML 14Page - Analog Devices OP295GSZ Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
OP295/OP495
Rev. G | Page 11 of 16
V+
–
+
–
+
5
3
2
1
6
8
4
7
1/2
OP295/
OP495
1/2
OP295/
OP495
+
–
VIN
VO
R4
100kΩ
R3
20kΩ
R2
20kΩ
R1
100kΩ
VREF
RG
VO =
(5+ 200kΩ) VIN+VREF
RG
Figure 24. Single-Supply Instrumentation Amplifier
Resistor RG sets the gain of the instrumentation amplifier.
Minimum gain is 6 (with no RG). All resistors should be matched
in absolute value as well as temperature coefficient to maximize
common-mode rejection performance and minimize drift. This
instrumentation amplifier can operate from a supply voltage as
low as 3 V.
SINGLE-SUPPLY RTD THERMOMETER AMPLIFIER
This RTD amplifier takes advantage of the rail-to-rail swing of
the OP295/OP495 to achieve a high bridge voltage in spite of a
low 5 V supply. The OP295/OP495 amplifier servos a constant
200 μA current to the bridge. The return current drops across
the parallel resistors 6.19 kΩ and 2.55 MΩ, developing a voltage
that is servoed to 1.235 V, which is established by the AD589
band gap reference. The 3-wire RTD provides an equal line
resistance drop in both 100 Ω legs of the bridge, thus improving
the accuracy.
The AMP04 amplifies the differential bridge signal and converts
it to a single-ended output. The gain is set by the series resis-
tance of the 332 Ω resistor plus the 50 Ω potentiometer. The
gain scales the output to produce a 4.5 V full scale. The 0.22 μF
capacitor to the output provides a 7 Hz low-pass filter to keep
noise at a minimum.
ZERO ADJ
AD589
37.4kΩ
5V
1.235
3
2
4
5
6
8
1
7
5V
AMP04
50Ω
332Ω
0.22µF
VO
–
+
2
3
1
+
–
200Ω
10-TURNS
26.7kΩ
0.5%
26.7kΩ
0.5%
100Ω
RTD
100Ω
0.5%
2.55MΩ
1%
6.19kΩ
1%
1/2
OP295/
OP495
4.5V = 450°C
0V = 0°C
Figure 25. Low Power RTD Amplifier
COLD JUNCTION COMPENSATED, BATTERY-
POWERED THERMOCOUPLE AMPLIFIER
The 150 μA quiescent current per amplifier consumption of the
OP295/OP495 makes them useful for battery-powered temperature
measuring instruments. The K-type thermocouple terminates
into an isothermal block where the terminated junctions’ ambient
temperatures can be continuously monitored and corrected by
summing an equal but opposite thermal EMF to the amplifier,
thereby canceling the error introduced by the cold junctions.
AD589
ALUMEL
CHROMEL
AL
CR
1N914
24.9kΩ
1.235V
9V
1.33MΩ
20kΩ
2
3
4
8
–
+
–
+
–
+
1
COLD
JUNCTIONS
ISOTHERMAL
BLOCK
K-TYPE
THERMOCOUPLE
40.7µV/°C
VO
5V = 500°C
0V = 0°C
OP295/
OP495
SCALE
ADJUST
7.15kΩ
1%
1.5MΩ
1%
24.9kΩ
1%
475Ω
1%
2.1kΩ
1%
24.3kΩ
1%
4.99kΩ
1%
500Ω
10-TURN
ZERO
ADJUST
Figure 26. Battery-Powered, Cold-Junction Compensated
Thermocouple Amplifier
To calibrate, immerse the thermocouple measuring junction in
a 0°C ice bath and adjust the 500 Ω zero-adjust potentiometer
to 0 V out. Then immerse the thermocouple in a 250°C tem-
perature bath or oven and adjust the scale-adjust potentiometer
for an output voltage of 2.50 V, which is equivalent to 250°C.
Within this temperature range, the K-type thermocouple is
quite accurate and produces a fairly linear transfer characteristic.
Accuracy of ±3°C is achievable without linearization.
Even if the battery voltage is allowed to decay to as low as 7 V,
the rail-to-rail swing allows temperature measurements to 700°C.
However, linearization may be necessary for temperatures above
250°C, where the thermocouple becomes rather nonlinear. The
circuit draws just under 500 μA supply current from a 9 V
battery.
5 V ONLY, 12-BIT DAC THAT SWINGS 0 V TO 4.095 V
Figure 27 shows a complete voltage output DAC with wide
output voltage swing operating off a single 5 V supply. The
serial input, 12-bit DAC is configured as a voltage output device
with the 1.235 V reference feeding the current output pin (IOUT)
of the DAC. The VREF, which is normally the input, now becomes
the output.
The output voltage from the DAC is the binary weighted voltage
of the reference, which is gained up by the output amplifier such
that the DAC has a 1 mV per bit transfer function.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com