Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OP467GSZ Datasheet(PDF) 17 Page - Analog Devices

Part # OP467GSZ
Description  Quad Precision, High Speed Operational Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP467GSZ Datasheet(HTML) 17 Page - Analog Devices

Back Button OP467GSZ Datasheet HTML 12Page - Analog Devices OP467GSZ Datasheet HTML 13Page - Analog Devices OP467GSZ Datasheet HTML 14Page - Analog Devices OP467GSZ Datasheet HTML 15Page - Analog Devices OP467GSZ Datasheet HTML 16Page - Analog Devices OP467GSZ Datasheet HTML 17Page - Analog Devices OP467GSZ Datasheet HTML 18Page - Analog Devices OP467GSZ Datasheet HTML 19Page - Analog Devices OP467GSZ Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
OP467
Rev. | Page 17 of 20
OP467 SPICE MARCO-MODEL
* Node assignments
noninverting input
inverting input
positive supply
negative supply
output
*
. SUBCKT OP467
1
2
99
50
27
*
* INPUT STAGE
*
I1
4
5
0
10E–3
CIN
1
2
1E–12
IOS
1
2
5E–9
Q1
5
2
8 QN
Q2
6
7
9 QN
R3
99
5
185 . 681
R4
99
6
185 . 681
R5
8
4
180 . 508
R6
9
4
180 . 508
EOS
7
1
POLY (1)
(14,20)
50E–6
1
EREF
98
0
(20,0) 1
*
* GAIN STAGE AND DOMINANT POLE AT 1.5 kHz
*
R7
10
98
3 . 714E6
C2
10
98
28 . 571E–12
G1
98
10
(5,6) 5 . 386E–3
V1
99
11
1 . 6
V2
12
50
1 . 6
D1
10
11
DX
D2
12
10
DX
RC
10
28
1 . 4E3
CC
28
27
12E–12
*
* COMMON-MODE STAGE WITH ZERO AT 1.26 kHz
*
ECM
13
98
POLY (2)
(1, 20)
(2,20) 0 0. 5 0 . 5
R8
13
14
1E6
R9
14
98
25 . 119
C3
13
14
126 . 721E–12
*
*POLE AT 400E6
*
R10
15
98
1E6
C4
15
98
0 . 398E–15
G2
98
15
(10,20) 1E–6
*
* OUTPUT STAGE
*
ISY
99
50
–8 . 183E–3
RMP1
99
20
96 . 429E3
RMP2
20
50
96 . 429E3
RO1
99
26
200
RO2
26
50
200
L1
26
27
1E–7
GO1
26
99
(99,15) 5E–3
GO2
50
26
(15,50) 5E–3
G4
23
50
(15,26) 5E–3
G5
24
50
(26,15) 5E–3
V3
21
26
50
V4
26
22
50
D3
15
21
DX
D4
22
15
DX
D5
99
23
DX
D6
99
24
DX
D7
50
23
DY
D8
50
24
DY
*
* MODELS USED
*
. MODEL QN NPN (BF=33.333E3)
. MODEL DX D
. MODEL DY D (BV=50)
. ENDS OP467



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com