Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS01-15B15SS Datasheet(PDF) 2 Page - MORNSUN Science& Technology Ltd.

Part # LS01-15B15SS
Description  LS01-15BXXSS Series
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MORNSUN [MORNSUN Science& Technology Ltd.]
Direct Link  http://www.mornsun-power.com
Logo MORNSUN - MORNSUN Science& Technology Ltd.

LS01-15B15SS Datasheet(HTML) 2 Page - MORNSUN Science& Technology Ltd.

  LS01-15B15SS Datasheet HTML 1Page - MORNSUN Science& Technology Ltd. LS01-15B15SS Datasheet HTML 2Page - MORNSUN Science& Technology Ltd. LS01-15B15SS Datasheet HTML 3Page - MORNSUN Science& Technology Ltd. LS01-15B15SS Datasheet HTML 4Page - MORNSUN Science& Technology Ltd. LS01-15B15SS Datasheet HTML 5Page - MORNSUN Science& Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
AC/DC Converter
LS01-15BXXSS Series
2014.02.12-A/0
Page 2 of 5
MORNSUN Guangzhou Science & Technology Co., Ltd. reserves the copyright and right of final interpretation
Hold-up Time
115VAC input
--
40
--
ms
230VAC input
--
180
--
Note: *Ripple and Noise measuring refer to “ripple and noise measure figure”, please see
AC-DC Converter Application Notes for specific operation methods.
General Specifications
Item
Operating Conditions
Min.
Typ.
Max.
Unit
Isolation Voltage
Input-output
Test time: 1min
3000
--
--
VAC
Operating Temperature
-40
--
+85
°C
Storage Temperature
-40
--
+105
Storage Humidity
--
--
85
%RH
Switching Frequency
--
--
60
kHz
Power Derating
-40℃~-20℃
1.0
--
--
%/°C
+55℃~+85℃
0.67
--
--
Safety Standard
IEC60950/EN60950/UL60950
Safety Class
CLASS II
Hot Plug
Unavailable
MTBF
MIL-HDBK-217F@25°C>200,000h
Physical Specifications
Package Dimensions
35.00*18.00*11.00mm
Weight
7 g(Typ)
Cooling method
Free air convection
EMC Specifications
EMI
Conducted Disturbance
CISPR22/EN55022, CLASS A (See Fig. 1 for recommended circuit)
CISPR22/EN55022, CLASS B (See Fig. 2 for recommended circuit)
Radiated Emission
CISPR22/EN55022, CLASS A (See Fig. 1 for recommended circuit)
CISPR22/EN55022, CLASS B (See Fig. 2 for recommended circuit)
EMS
Electrostatic Discharge
IEC/EN61000-4-2
±4KV
Perf. Criteria B
Radiation Immunity
IEC/EN61000-4-3
10V/m (See Fig. 2 for recommended circuit)
perf. Criteria A
EFT
IEC/EN61000-4-4
±2KV (See Fig. 1 for recommended circuit)
perf. Criteria B
IEC/EN61000-4-4
±4KV (See Fig. 2 for recommended circuit)
perf. Criteria B
Surge Immunity
IEC/EN61000-4-5
±1KV/2KV(See Fig. 1 or Fig. 2 for recommended
circuit)
perf. Criteria B
Conducted Disturbance
IEC/EN61000-4-6
10 Vr.m.s(See Fig. 2 for recommended circuit)
perf. Criteria A
Immunity for Power
IEC/EN61000-4-8
10A/m
perf. Criteria A
Immunities of voltage dip,
drop and short interruption
IEC/EN61000-4-11
0%-70%
perf. Criteria B
Product Characteristic Curve
40
100
60
80
-20
55
85
-40
Input voltage:110~240VAC
100~340VDC
40
100
60
80
100
340
400
70
VDC
110
240
264
85
VAC
Ambient Temperature( )
℃
Temperature Derating Graph
Input Voltage V
()
Input Voltage Derating Graph
Ambient temperature:25℃
Note: Input voltage should be derated based on temperature derating
when it is
.
85~110VAC /240~264VAC/70~100VDC/340~400VDC



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com