Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16F010-E/P Datasheet(PDF) 7 Page - Microchip Technology

Part # PIC16F010-E/P
Description  8/14-Pin, 8-Bit Flash Microcontroller
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F010-E/P Datasheet(HTML) 7 Page - Microchip Technology

Back Button PIC16F010-E/P Datasheet HTML 3Page - Microchip Technology PIC16F010-E/P Datasheet HTML 4Page - Microchip Technology PIC16F010-E/P Datasheet HTML 5Page - Microchip Technology PIC16F010-E/P Datasheet HTML 6Page - Microchip Technology PIC16F010-E/P Datasheet HTML 7Page - Microchip Technology PIC16F010-E/P Datasheet HTML 8Page - Microchip Technology PIC16F010-E/P Datasheet HTML 9Page - Microchip Technology PIC16F010-E/P Datasheet HTML 10Page - Microchip Technology PIC16F010-E/P Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 116 page
background image
© 2007 Microchip Technology Inc.
Preliminary
DS41268C-page 5
PIC12F510/16F506
1.0
GENERAL DESCRIPTION
The
PIC12F510/16F506
devices
from
Microchip
Technology are low-cost, high-performance, 8-bit, fully-
static, Flash-based CMOS microcontrollers. They
employ a RISC architecture with only 33 single-word/
single-cycle instructions. All instructions are single-
cycle except for program branches, which take two
cycles.
The
PIC12F510/16F506
devices
deliver
performance in an order of magnitude higher than their
competitors in the same price category. The 12-bit wide
instructions are highly symmetrical, resulting in a
typical
2:1
code
compression
over
other
8-bit
microcontrollers in its class. The easy-to-use and easy-
to-remember instruction set reduces development time
significantly.
The PIC12F510/16F506 products are equipped with
special features that reduce system cost and power
requirements. The Power-on Reset (POR) and Device
Reset Timer (DRT) eliminate the need for external
Reset circuitry. There are four oscillator configurations
to choose from (six on the PIC16F506), including
INTOSC Internal Oscillator mode and the power-saving
LP (Low-power) Oscillator mode. Power-saving Sleep
mode, Watchdog Timer and code protection features
improve system cost, power and reliability.
The PIC12F510/16F506 devices allow the customer to
take full advantage of Microchip’s price leadership in
Flash programmable microcontrollers, while benefiting
from the Flash programmable flexibility.
The PIC12F510/16F506 products are supported by a
full-featured macro assembler, a software simulator, an
in-circuit
emulator,
a
‘C’
compiler,
a
low-cost
development programmer and a full featured program-
mer. All the tools are supported on IBM® PC and
compatible machines.
1.1
Applications
The PIC12F510/16F506 devices fit in applications
ranging from personal care appliances and security
systems to low-power remote transmitters/receivers.
The Flash technology makes customizing application
programs
(transmitter
codes,
appliance
settings,
receiver frequencies, etc.) extremely fast and conve-
nient. The small footprint packages, for through hole or
surface mounting, make these microcontrollers perfect
for applications with space limitations. Low-cost, low-
power, high-performance, ease-of-use and I/O flexibil-
ity make the PIC12F510/16F506 devices very versa-
tile, even in areas where no microcontroller use has
been considered before (e.g., timer functions, logic and
PLDs in larger systems and coprocessor applications).
TABLE 1-1:
PIC12F510/16F506 DEVICES
PIC16F506
PIC12F510
Clock
Maximum Frequency of Operation (MHz)
20
8
Memory
Flash Program Memory
1024
1024
Data Memory (bytes)
67
38
Peripherals
Timer Module(s)
TMR0
TMR0
Wake-up from Sleep on Pin Change
Yes
Yes
Features
I/O Pins
11
5
Input Only Pin
1
1
Internal Pull-ups
Yes
Yes
In-Circuit Serial Programming
Yes
Yes
Number of Instructions
33
33
Packages
14-pin PDIP, SOIC,
TSSOP
8-pin PDIP, SOIC, MSOP
The PIC12F510/16F506 devices have Power-on Reset, selectable Watchdog Timer, selectable code-protect, high I/O current
capability and precision internal oscillator.
The PIC12F510/16F506 device uses serial programming with data pin RB0/GP0 and clock pin RB1/GP1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com