Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LW520AS Datasheet(PDF) 2 Page - Seoul Semiconductor

Part # LW520AS
Description  WHITE LAMP LED
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEOUL [Seoul Semiconductor]
Direct Link  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor

LW520AS Datasheet(HTML) 2 Page - Seoul Semiconductor

  LW520AS Datasheet HTML 1Page - Seoul Semiconductor LW520AS Datasheet HTML 2Page - Seoul Semiconductor LW520AS Datasheet HTML 3Page - Seoul Semiconductor LW520AS Datasheet HTML 4Page - Seoul Semiconductor LW520AS Datasheet HTML 5Page - Seoul Semiconductor LW520AS Datasheet HTML 6Page - Seoul Semiconductor LW520AS Datasheet HTML 7Page - Seoul Semiconductor LW520AS Datasheet HTML 8Page - Seoul Semiconductor LW520AS Datasheet HTML 9Page - Seoul Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
-2-
WHITE LAMP LED
LW520AS
<070611> Rev. 0.0
서식번호 : QP-7-03-05 (Rev.00)
Outline Dimensions
Unit : mm
2.45 ± 0.2
1.0 MAX
1.0
8.5 ± 0.2
0.5 ± 0.05
28.0 MIN
1.0 MIN
ANODE
5.0 ± 0.2
5.6 ± 0.2
DETAIL
1.0
Notes : Protruded epoxy is 1.0mm maximum.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com